Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM231N Datasheet(PDF) 3 Page - Texas Instruments

Part # LM231N
Description  LM231A/LM231/LM331A/LM331 Precision Voltage-to-Frequency Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM231N Datasheet(HTML) 3 Page - Texas Instruments

  LM231N Datasheet HTML 1Page - Texas Instruments LM231N Datasheet HTML 2Page - Texas Instruments LM231N Datasheet HTML 3Page - Texas Instruments LM231N Datasheet HTML 4Page - Texas Instruments LM231N Datasheet HTML 5Page - Texas Instruments LM231N Datasheet HTML 6Page - Texas Instruments LM231N Datasheet HTML 7Page - Texas Instruments LM231N Datasheet HTML 8Page - Texas Instruments LM231N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LM231, LM331
www.ti.com
SNOSBI2B – JUNE 1999 – REVISED MARCH 2013
Electrical Characteristics (continued)
All specifications apply in the circuit of Figure 16, with 4.0V
≤ VS ≤ 40V, TA=25°C, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Over Range (Beyond Full-Scale) Frequency
VIN = −11V
10
%
INPUT COMPARATOR
Offset Voltage
±3
±10
mV
LM231/LM331
TMIN ≤ TA ≤ TMAX
±4
±14
mV
LM231A/LM331A
TMIN ≤ TA ≤ TMAX
±3
±10
mV
Bias Current
−80
−300
nA
Offset Current
±8
±100
nA
VCC−2.
Common-Mode Range
TMIN ≤ TA ≤ TMAX
−0.2
V
0
TIMER
Timer Threshold Voltage, Pin 5
0.63
0.667
0.70
× VS
Input Bias Current, Pin 5
VS = 15V
All Devices
0V
≤ VPIN 5 ≤ 9.9V
±10
±100
nA
LM231/LM331
VPIN 5 = 10V
200
1000
nA
LM231A/LM331A
VPIN 5 = 10V
200
500
nA
VSAT PIN 5 (Reset)
I = 5 mA
0.22
0.5
V
CURRENT SOURCE (Pin 1)
Output Current
LM231, LM231A
RS = 14 kΩ, VPIN 1 = 0
126
135
144
μA
LM331, LM331A
116
136
156
μA
Change with Voltage
0V
≤ VPIN 1 ≤ 10V
0.2
1.0
μA
Current Source OFF Leakage
LM231, LM231A, LM331, LM331A
0.02
10.0
nA
All Devices
TA = TMAX
2.0
50.0
nA
Operating Range of Current (Typical)
(10 to 500)
μA
REFERENCE VOLTAGE (Pin 2)
LM231, LM231A
1.76
1.89
2.02
VDC
LM331, LM331A
1.70
1.89
2.08
VDC
Stability vs. Temperature
±60
ppm/°C
Stability vs. Time, 1000 Hours
±0.1
%
LOGIC OUTPUT (Pin 3)
I = 5 mA
0.15
0.50
V
VSAT
I = 3.2 mA (2 TTL Loads), TMIN ≤ TA ≤
0.10
0.40
V
TMAX
OFF Leakage
±0.05
1.0
μA
SUPPLY CURRENT
VS = 5V
2.0
3.0
4.0
mA
LM231, LM231A
VS = 40V
2.5
4.0
6.0
mA
VS = 5V
1.5
3.0
6.0
mA
LM331, LM331A
VS = 40V
2.0
4.0
8.0
mA
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM231 LM331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com