Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM231N Datasheet(PDF) 1 Page - Texas Instruments

Part # LM231N
Description  LM231A/LM231/LM331A/LM331 Precision Voltage-to-Frequency Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM231N Datasheet(HTML) 1 Page - Texas Instruments

  LM231N Datasheet HTML 1Page - Texas Instruments LM231N Datasheet HTML 2Page - Texas Instruments LM231N Datasheet HTML 3Page - Texas Instruments LM231N Datasheet HTML 4Page - Texas Instruments LM231N Datasheet HTML 5Page - Texas Instruments LM231N Datasheet HTML 6Page - Texas Instruments LM231N Datasheet HTML 7Page - Texas Instruments LM231N Datasheet HTML 8Page - Texas Instruments LM231N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM231, LM331
www.ti.com
SNOSBI2B – JUNE 1999 – REVISED MARCH 2013
LM231A/LM231/LM331A/LM331 Precision Voltage-to-Frequency Converters
Check for Samples: LM231, LM331
1
FEATURES
DESCRIPTION
The LM231/LM331 family of voltage-to-frequency
23
•
Ensured Linearity 0.01% max
converters are ideally suited for use in simple low-
•
Improved Performance in Existing Voltage-to-
cost circuits for analog-to-digital conversion, precision
Frequency Conversion Applications
frequency-to-voltage
conversion,
long-term
•
Split or Single Supply Operation
integration,
linear
frequency
modulation
or
demodulation, and many other functions. The output
•
Operates on Single 5V Supply
when used as a voltage-to-frequency converter is a
•
Pulse Output Compatible with All Logic Forms
pulse train at a frequency precisely proportional to the
•
Excellent Temperature Stability: ±50 ppm/°C
applied input voltage. Thus, it provides all the
max
inherent
advantages
of
the
voltage-to-frequency
conversion techniques, and is easy to apply in all
•
Low Power Consumption: 15 mW Typical at 5V
standard voltage-to-frequency converter applications.
•
Wide Dynamic Range, 100 dB min at 10 kHz
Further, the LM231A/LM331A attain a new high level
Full Scale Frequency
of accuracy versus temperature which could only be
•
Wide Range of Full Scale Frequency: 1 Hz to
attained
with
expensive
voltage-to-frequency
modules. Additionally the LM231/331 are ideally
100 kHz
suited for use in digital systems at low power supply
•
Low Cost
voltages and can provide low-cost analog-to-digital
conversion
in
microprocessor-controlled
systems.
And, the frequency from a battery powered voltage-
to-frequency converter can be easily channeled
through a simple photo isolator to provide isolation
against high common mode levels.
The
LM231/LM331
utilize
a
new
temperature-
compensated band-gap reference circuit, to provide
excellent accuracy over the full operating temperature
range, at power supplies as low as 4.0V. The
precision timer circuit has low bias currents without
degrading the quick response necessary for 100 kHz
voltage-to-frequency conversion. And the output are
capable of driving 3 TTL loads, or a high voltage
output up to 40V, yet is short-circuit-proof against
VCC.
CONNECTION DIAGRAM
Figure 1. Plastic Dual-In-Line Package (PDIP)
See Package Number P (R-PDIP-T8)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Teflon is a registered trademark of E.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM231N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM231N NSC-LM231N Datasheet
280Kb / 16P
Precision Voltage-to-Frequency Converters
LM231N NSC-LM231N Datasheet
368Kb / 15P
Precision Voltage-to-Frequency Converters
logo
Texas Instruments
LM231N/NOPB TI1-LM231N/NOPB Datasheet
952Kb / 23P
Precision Voltage-to-Frequency Converters
LM231N/NOPB TI2-LM231N/NOPB Datasheet
1,021Kb / 24P
LMx31x Precision Voltage-to-Frequency Converters
REVISED SEPTEMBER 2015
LM231N/NOPB TI2-LM231N/NOPB Datasheet
1,021Kb / 24P
LMx31x Precision Voltage-to-Frequency Converters
REVISED SEPTEMBER 2015
More results

Similar Description - LM231N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
Precision Voltage-to-Frequency Converters
logo
TelCom Semiconductor, I...
TC02 TELCOM-TC02 Datasheet
149Kb / 7P
PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
TC1023 TELCOM-TC1023 Datasheet
134Kb / 6P
PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS WITH SHUTDOWN MODE
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
Voltage-to-Frequency Converters
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
FREQUENCY-TO-VOLTAGE CONVERTERS
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
Precision Voltage-to-Frequency Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com