Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS500-I/P Datasheet(PDF) 15 Page - Microchip Technology

Part # HCS500-I/P
Description  KEELOQ Code Hopping Decoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500-I/P Datasheet(HTML) 15 Page - Microchip Technology

Back Button HCS500-I/P Datasheet HTML 11Page - Microchip Technology HCS500-I/P Datasheet HTML 12Page - Microchip Technology HCS500-I/P Datasheet HTML 13Page - Microchip Technology HCS500-I/P Datasheet HTML 14Page - Microchip Technology HCS500-I/P Datasheet HTML 15Page - Microchip Technology HCS500-I/P Datasheet HTML 16Page - Microchip Technology HCS500-I/P Datasheet HTML 17Page - Microchip Technology HCS500-I/P Datasheet HTML 18Page - Microchip Technology HCS500-I/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
© 2002 Microchip Technology Inc.
DS40153C-page 15
HCS500
5.0
DECODER PROGRAMMING
The decoder uses a 2K, 24LC02B serial EEPROM. The memory is divided between system memory that stores the
transmitter information (read protected) and user memory (read/write). Commands to access the user memory are
described in Sections 4.2.5 and 4.2.6.
The following information stored in system memory needs to be programmed before the decoder can be used:
•
64-bit manufacturer’s code
• Decoder configuration byte
5.1
Configuration Byte
The decoder is configured during initialization by setting the appropriate bits in the configuration byte. The following table
list the options:
5.1.1
LRN_MODE
LRN_MODE selects between two learning modes. With LRN_MODE = 0, the Normal (serial number derived) mode is
selected; with LRN_MODE=1, the Secure (seed derived) mode is selected. See Section 6.0 for more detail on learning
modes.
5.1.2
LRN_ALG
LRN_ALG selects between the two available algorithms. With LRN_ALG = 0, is selected the KEELOQ decryption
algorithm is selected; with LRN_ALG = 1, the XOR algorithm is selected. See Section 6.0 for more detail on learning
algorithms.
5.1.3
REPEAT
The HCS500 can be configured to indicate repeated transmissions. In a stand-alone configuration, repeated transmis-
sions must be disabled.
Note 1: These memory locations are read protected and can only be written to using the program command with
the device powered up.
2: The contents of the system memory is encrypted by a unique 64-bit key that is stored in the HCS500. To
initialize the system memory, the HCS500’s program command must be used. The EEPROM and HCS500
are matched, and the devices must be kept together. In-circuit programming is therefore recommended.
Bit
Mnemonic
Description
0
LRN_MODE
Learning mode selection
LRN_MODE = 0—Normal Learn
LRN_MODE = 1—Secure Learn
1
LRN_ALG
Algorithm selection
LRN_ALG = 0—KEELOQ Decryption Algorithm
LRN_ALG = 1—XOR Algorithm
2
REPEAT
Repeat Transmission enable
0 = Disable
1 = Enabled
3Not Used
Reserved
4Not Used
Reserved
5Not Used
Reserved
6Not Used
Reserved
7Not Used
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com