Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS500-I/P Datasheet(PDF) 20 Page - Microchip Technology

Part # HCS500-I/P
Description  KEELOQ Code Hopping Decoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500-I/P Datasheet(HTML) 20 Page - Microchip Technology

Back Button HCS500-I/P Datasheet HTML 16Page - Microchip Technology HCS500-I/P Datasheet HTML 17Page - Microchip Technology HCS500-I/P Datasheet HTML 18Page - Microchip Technology HCS500-I/P Datasheet HTML 19Page - Microchip Technology HCS500-I/P Datasheet HTML 20Page - Microchip Technology HCS500-I/P Datasheet HTML 21Page - Microchip Technology HCS500-I/P Datasheet HTML 22Page - Microchip Technology HCS500-I/P Datasheet HTML 23Page - Microchip Technology HCS500-I/P Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
HCS500
DS40153C-page 20
© 2002 Microchip Technology Inc.
TABLE 8-1:
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
Commercial (C):
0°C
≤ TA ≤ +70°C
Industrial (I):
-40°C
≤ TA ≤ +85°C
Symbol
Parameters
Min
Typ(†)
Max
Units
Conditions
VDD
Supply voltage
3.0
—5.5
V
VPOR
VDD start voltage to
ensure RESET
—Vss
—
V
SVDD
VDD rise rate to
ensure RESET
0.05*
—
—
V/ms
IDD
Supply current
—
—
1.8
0.3
2.4
5
mA
µA
FOSC = 4 MHz, VDD = 5.5V
SLEEP mode (no RF input)
IPD
Power-Down Current
—0.25
4
µAVDD = 3.0V, Commercial
—0.3
5
µAVDD = 3.0V, Industrial
VIL
Input low voltage
VSS
VSS
—
—
0.8
0.15 VDD
V
V
VDD between 4.5V and 5.5V
Otherwise
VSS
—0.15 VDD
VMCLR
VIH
Input high voltage
2.0
0.25 VDD + 0.8
—
—
VDD
VDD
V
V
VDD between 4.5V and 5.5V
Otherwise
0.85 VDD
—VDD
V
MCLR
VOL
Output low voltage
—
—
0.6
V
IOL = 8.7 mA, VDD = 4.5V
VOH
Output high voltage
VDD - 0.7
—
—
V
IOH = -5.4 mA, VDD = 4.5V
† Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
*
These parameters are characterized but not tested.
Note:
Negative current is defined as coming out of the pin.
TABLE 8-2:
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0°C
≤ TA ≤ +70°C
Industrial (I):
-40°C
≤ TA ≤ +85°C
Symbol
Parameters
Min
Typ
Max
Units
Conditions
TE
Transmit elemental period
65
—
660
µs
TOD
Output delay
48
75
237
ms
TMCLR
MCLR low time
150
—
—
ns
TOV
Time output valid
—
150
222
ms
*
These parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com