Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12GP201TE/P Datasheet(PDF) 47 Page - Microchip Technology

Part # DSPIC33FJ12GP201TE/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12GP201TE/P Datasheet(HTML) 47 Page - Microchip Technology

Back Button DSPIC33FJ12GP201TE/P Datasheet HTML 43Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 44Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 45Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 46Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 47Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 48Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 49Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 50Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 242 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70264B-page 45
dsPIC33FJ12GP201/202
3.6.2
DATA ACCESS FROM PROGRAM
MEMORY USING TABLE
INSTRUCTIONS
The TBLRDL and TBLWTL instructions offer a direct
method of reading or writing the lower word of any
address within the program space without going
through data space. The TBLRDH and TBLWTH
instructions are the only method to read or write the
upper 8 bits of a program space word as data.
The PC is incremented by two for each successive
24-bit program word. This allows program memory
addresses to directly map to data space addresses.
Program memory can thus be regarded as two
16-bit-wide word address spaces, residing side by side,
each with the same address range. TBLRDL and
TBLWTL access the space that contains the least
significant data word. TBLRDH and TBLWTH access the
space that contains the upper data byte.
Two table instructions are provided to move byte or
word-sized (16-bit) data to and from program space.
Both function as either byte or word operations.
• TBLRDL (Table Read Low): In Word mode, this
instruction maps the lower word of the program
space location (P<15:0>) to a data address
(D<15:0>).
In Byte mode, either the upper or lower byte of the
lower program word is mapped to the lower byte of
a data address. The upper byte is selected when
Byte Select is ‘1’; the lower byte is selected when
it is ‘0’.
• TBLRDH (Table Read High): In Word mode, this
instruction maps the entire upper word of a program
address (P<23:16>) to a data address. Note that
D<15:8>, the ‘phantom byte’, will always be ‘0’.
In Byte mode, this instruction maps the upper or
lower byte of the program word to D<7:0> of the
data address, as in the TBLRDL instruction. Note
that the data will always be ‘0’ when the upper
‘phantom’ byte is selected (Byte Select = 1).
In a similar fashion, two table instructions, TBLWTH
and TBLWTL, are used to write individual bytes or
words to a program space address. The details of
their operation are explained in Section 4.0 “Flash
Program Memory”.
For all table operations, the area of program memory
space to be accessed is determined by the Table Page
register (TBLPAG). TBLPAG covers the entire program
memory space of the device, including user and config-
uration spaces. When TBLPAG<7> = 0, the table page
is located in the user memory space. When
TBLPAG<7> = 1, the page is located in configuration
space.
FIGURE 3-8:
ACCESSING PROGRAM MEMORY WITH TABLE INSTRUCTIONS
0
8
16
23
00000000
00000000
00000000
00000000
‘Phantom’ Byte
TBLRDH.B (Wn<0> = 0)
TBLRDL.W
TBLRDL.B (Wn<0> = 1)
TBLRDL.B (Wn<0> = 0)
23
15
0
TBLPAG
02
0x000000
0x800000
0x020000
0x030000
Program Space
The address for the table operation is determined by the data EA
within the page defined by the TBLPAG register.
Only read operations are shown; write operations are also valid in
the user memory area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com