Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12GP201TE/P Datasheet(PDF) 91 Page - Microchip Technology

Part # DSPIC33FJ12GP201TE/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12GP201TE/P Datasheet(HTML) 91 Page - Microchip Technology

Back Button DSPIC33FJ12GP201TE/P Datasheet HTML 87Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 88Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 89Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 90Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 91Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 92Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 93Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 94Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 242 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70264B-page 89
dsPIC33FJ12GP201/202
For a primary oscillator or FRC oscillator, output ‘FIN’,
the PLL output ‘FOSC’ is given by:
EQUATION 7-2:
FOSC CALCULATION
For example, suppose a 10 MHz crystal is being used,
with “XT with PLL” being the selected oscillator mode.
• If PLLPRE<4:0> = 0, then N1 = 2. This yields a
VCO input of 10/2 = 5 MHz, which is within the
acceptable range of 0.8-8 MHz.
• If PLLDIV<8:0> = 0x1E, then M = 32. This yields a
VCO output of 5 x 32 = 160 MHz, which is within
the 100-200 MHz ranged needed.
• If PLLPOST<1:0> = 0, then N2 = 2. This provides
a Fosc of 160/2 = 80 MHz. The resultant device
operating speed is 80/2 = 40 MIPS.
EQUATION 7-3:
XT WITH PLL MODE
EXAMPLE
FIGURE 7-2:
dsPIC33FJ12GP201/202 PLL BLOCK DIAGRAM
TABLE 7-1:
CONFIGURATION BIT VALUES FOR CLOCK SELECTION
(
)
M
N1*N2
FOSC = FIN*
FCY =
FOSC
=
1
(10000000*32) = 40 MIPS
2
2
2*2
Oscillator Mode
Oscillator Source
POSCMD<1:0>
FNOSC<2:0>
Note
Fast RC Oscillator with Divide-by-N
(FRCDIVN)
Internal
xx
111
1, 2
Fast RC Oscillator with Divide-by-16
(FRCDIV16)
Internal
xx
110
1
Low-Power RC Oscillator (LPRC)
Internal
xx
101
1
Secondary (Timer1) Oscillator (SOSC)
Secondary
xx
100
1
Primary Oscillator (HS) with PLL
(HSPLL)
Primary
10
011
Primary Oscillator (XT) with PLL
(XTPLL)
Primary
01
011
Primary Oscillator (EC) with PLL
(ECPLL)
Primary
00
011
1
Primary Oscillator (HS)
Primary
10
010
Primary Oscillator (XT)
Primary
01
010
Primary Oscillator (EC)
Primary
00
010
1
Fast RC Oscillator with PLL (FRCPLL)
Internal
xx
001
1
Fast RC Oscillator (FRC)
Internal
xx
000
1
Note 1:
OSC2 pin function is determined by the OSCIOFNC Configuration bit.
2:
This is the default oscillator mode for an unprogrammed (erased) device.
0.8-8.0 MHz
Here
100-200 MHz
Here
Divide by
2, 4, 8
Divide by
2-513
Divide by
2-33
Source (Crystal, External Clock
PLLPRE
X
VCO
PLLDIV
PLLPOST
or Internal RC)
12.5-80 MHz
Here
FOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com