Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC506APG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # MPC506APG4
Description  Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPC506APG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button MPC506APG4 Datasheet HTML 6Page - Texas Instruments MPC506APG4 Datasheet HTML 7Page - Texas Instruments MPC506APG4 Datasheet HTML 8Page - Texas Instruments MPC506APG4 Datasheet HTML 9Page - Texas Instruments MPC506APG4 Datasheet HTML 10Page - Texas Instruments MPC506APG4 Datasheet HTML 11Page - Texas Instruments MPC506APG4 Datasheet HTML 12Page - Texas Instruments MPC506APG4 Datasheet HTML 13Page - Texas Instruments MPC506APG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MPC506A, MPC507A
10
SBFS018A
www.ti.com
PERFORMANCE CHARACTERISTICS AND TEST CIRCUITS (CONT)
T
A = +25°C, VS = ±15V,
V
AM = +4V,
V
AL = 0.8V and VREF = Open, unless otherwise noted.
ACCESS TIME WAVEFORM
V
A Input
2V/Div
Output A
5V/Div
200ns/Div
V
AH
4.0V
0V
10V
t
A
1/2V
AH
10V
90%
Address
Drive (V
A)
8
6
4
2
0
100
1k
10k
100k
1M
10M
Toggle Frequency (Hz)
V
S = ±10V
MPC506A(1)
GND
In 2 Thru In 15
In 1
In 16
Out
A
3
A
2
A
1
A
0
En
10M
Ω
+4V
14pF
NOTE: (1) Similar connection for MPC507A.
A
A
–I
SUPPLY
–15V/–10V
–V
±10V/±5V
+I
SUPPLY
+15V/+10V
50
Ω
V
A
SUPPLY CURRENT vs TOGGLE FREQUENCY
V
S = ±15V
±10V/±5V
+V
MPC
506A(1)
GND
In 2 Thru
In 15
In 1
In 16
Out
A
3
A
2
A
1
A
0
En
10M
Ω
50
Ω
+4V
14pF
V
A
NOTE: (1) Similar connection for MPC507A.
–V
–10V
1000
900
800
700
600
500
400
300
3456789
10
11
12
13
14
15
Logic Level High (V)
V
REF = Open for logic high levels ≤ 6V
V
REF = Logic high for logic high levels > 6V
ACCESS TIME vs LOGIC LEVEL (High)
Probe
+10V
–15V
+15V
V
REF
+V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com