Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC506APG4 Datasheet(PDF) 16 Page - Texas Instruments

Part # MPC506APG4
Description  Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPC506APG4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button MPC506APG4 Datasheet HTML 11Page - Texas Instruments MPC506APG4 Datasheet HTML 12Page - Texas Instruments MPC506APG4 Datasheet HTML 13Page - Texas Instruments MPC506APG4 Datasheet HTML 14Page - Texas Instruments MPC506APG4 Datasheet HTML 15Page - Texas Instruments MPC506APG4 Datasheet HTML 16Page - Texas Instruments MPC506APG4 Datasheet HTML 17Page - Texas Instruments MPC506APG4 Datasheet HTML 18Page - Texas Instruments MPC506APG4 Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MECHANICAL DATA
MPDI056 – APRIL 2001
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
NTD (R-PDIP-T28)
PLASTIC DUAL-IN-LINE
4202496/A 03/01
1.565 (39,75)
1.380 (35,05)
0.485 (12,32)
0.580 (14,73)
Area
1
28
14
15
0.625 (15,88)
0.600 (15,24)
0.015 (0,38)
0.008 (0,20)
0.200 (5,08)
0.115 (2,92)
0.195 (4,95)
0.125 (3,18)
0.070 (1,78)
0.030 (0,76)
Index
0.100 (2,54)
–C–
0.250 (6,35)
MAX
0.600 (15,26)
0.060 (1,52)
0.000 (0,00)
0.700 (17,78)
MAX
0.015 (0,38)
MIN
0.005 (0,13)
MIN 4 PL
Full Lead
0.014 (0,36)
0.022 (0,56)
Seating
Plane
Base
Plane
D
C
C
H
E
E
F
C
D
D
0.010 (0,25)
C
M
F
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Dimensions are measured with the package
seated in JEDEC seating plane gauge GS-3.
D. Dimensions do not include mold flash or protrusions.
Mold flash or protrusions shall not exceed 0.010 (0,25).
E. Dimensions measured with the leads constrained to be
perpendicular to Datum C.
F. Dimensions are measured at the lead tips with the
leads unconstrained.
G. Pointed or rounded lead tips are preferred to ease
insertion.
H. Maximum dimension does not include dambar
protrusions. Dambar protrusions shall not exceed
0.010 (0,25).
I. Distance between leads including dambar protrusions
to be 0.005 (0,13) minumum.
J. A visual index feature must be located within the
cross-hatched area.
K. For automatic insertion, any raised irregularity on the
top surface (step, mesa, etc.) shall be symmetrical
about the lateral and longitudinal package centerlines.
L. Controlling dimension in inches.
M. Falls within JEDEC MS-011-AB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com