Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA727 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA727
Description  e-trim 20MHz, High Precision CMOS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA727 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA727 Datasheet HTML 9Page - Texas Instruments OPA727 Datasheet HTML 10Page - Texas Instruments OPA727 Datasheet HTML 11Page - Texas Instruments OPA727 Datasheet HTML 12Page - Texas Instruments OPA727 Datasheet HTML 13Page - Texas Instruments OPA727 Datasheet HTML 14Page - Texas Instruments OPA727 Datasheet HTML 15Page - Texas Instruments OPA727 Datasheet HTML 16Page - Texas Instruments OPA727 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
www.ti.com
1
2pR
FCF
+
GBW
4pR
FCD
(1)
OPTIMIZING THE TRANSIMPEDANCE
f
*3dB +
GBW
2pR
FCD
Hz
(2)
OPA727
V
OUT
10MW
V+
R
F
C
F
(1)
<1pF
l
NOTE:(1)C isoptionaltopreventgainpeaking.
F
Itincludesthestraycapacitanceof
.
F
R
+V
Bias
OPA727,, OPA2727
OPA4727, OPA728
SBOS314H – SEPTEMBER 2004 – REVISED APRIL 2007
To achieve a maximally-flat, 2nd-order Butterworth
For
additional
information,
refer
to
Application
frequency response, the feedback pole should be set
Bulletin (SBOA055), Compensate Transimpedance
to:
Amplifiers
Intuitively,
available
for
download
at
www.ti.com.
CIRCUIT
Bandwidth is calculated by:
To achieve the best performance, components
should be selected according to the following
guidelines:
1. For lowest noise, select RF to create the total
For even higher transimpedance bandwidth, the
required gain. Using a lower value for RF and
high-speed CMOS OPA380 (90MHz GBW), OPA354
adding gain after the transimpedance amplifier
(100MHz GBW), OPA300 (180MHz GBW), OPA355
generally produces poorer noise performance.
(200MHz GBW), or OPA656, OPA657 (400MHz
The noise produced by RF increases with the
GBW) may be used.
square-root
of
RF,
whereas
the
signal
For single-supply applications, the +IN input can be
increases linearly. Therefore, signal-to-noise
biased with a positive dc voltage to allow the output
ratio is improved when all the required gain is
to reach true zero when the photodiode is not
placed in the transimpedance stage.
exposed to any light, and respond without the added
2. Minimize photodiode capacitance and stray
delay that results from coming out of the negative
capacitance at the summing junction (inverting
rail; this is shown in Figure 33. This bias voltage also
input). This capacitance causes the voltage
appears across the photodiode, providing a reverse
noise
of
the
op
amp
to
be
amplified
bias for faster operation.
(increasing amplification at high frequency).
Using
a
low-noise
voltage
source
to
reverse-bias a photodiode can significantly
reduce its capacitance. Smaller photodiodes
have
lower
capacitance.
Use
optics
to
concentrate light on a small photodiode.
3. Noise increases with increased bandwidth.
Limit
the
circuit
bandwidth
to
only
that
required. Use a capacitor across the RF to
limit bandwidth, even if not required for
stability.
4. Circuit
board
leakage
can
degrade
the
performance of an otherwise well-designed
amplifier. Clean the circuit board carefully. A
circuit board guard trace that encircles the
summing junction and is driven at the same
voltage can help control leakage.
For additional information, refer to the Application
Bulletins Noise Analysis of FET Transimpedance
Amplifiers
(SBOA060),
and
Noise
Analysis
for
High-Speed Op Amps (SBOA066), available for
download at the TI web site.
Figure 33. Single-Supply Transimpedance
Amplifier
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com