Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA727 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA727
Description  e-trim 20MHz, High Precision CMOS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA727 Datasheet(HTML) 2 Page - Texas Instruments

  OPA727 Datasheet HTML 1Page - Texas Instruments OPA727 Datasheet HTML 2Page - Texas Instruments OPA727 Datasheet HTML 3Page - Texas Instruments OPA727 Datasheet HTML 4Page - Texas Instruments OPA727 Datasheet HTML 5Page - Texas Instruments OPA727 Datasheet HTML 6Page - Texas Instruments OPA727 Datasheet HTML 7Page - Texas Instruments OPA727 Datasheet HTML 8Page - Texas Instruments OPA727 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
OPA727,, OPA2727
OPA4727, OPA728
SBOS314H – SEPTEMBER 2004 – REVISED APRIL 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
Non-Shutdown
MSOP-8
DGK
AUE
OPA727
DFN-8
DRB
NSF
DFN-8
DRB
NSD
OPA2727
SO-8
D
O2727A
OPA4727
TSSOP-14
PW
OPA4727
Shutdown
MSOP-8
DGK
AUF
OPA728
DFN-8
DRB
NSG
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
OPA727, OPA2727
OPA4727, OPA728
UNIT
Supply Voltage
+13.2
V
Voltage(2)
–0.5 to (V+) + 0.5
V
Signal Input Terminals
Current(2)
±10
mA
Output Short-Circuit(3)
Continuous
Operating Temperature
–55 to +125
°C
Storage Temperature
–55 to +150
°C
Junction Temperature
+150
°C
Human Body Model
2000
V
ESD Rating
Charged Device Model
1000
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should
be current limited to 10mA or less.
(3)
Short-circuit to ground, one amplifier per package.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com