Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTD6501D Datasheet(PDF) 1 Page - Microchip Technology

Part # MTD6501D
Description  Highly Integrated 3-Phase BLDC Sinusoidal Sensorless
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTD6501D Datasheet(HTML) 1 Page - Microchip Technology

  MTD6501D Datasheet HTML 1Page - Microchip Technology MTD6501D Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Highly Integrated 3-Phase BLDC Sinusoidal Sensorless
Motor Fan Drivers and Dual Full-Bridge Drivers
More Cost Effective and Faster Time to Market
3-Phase BLDC Sinusoidal Motor Drivers
The MTD6501C/D/2B/5 product family is a 3-phase full-
wave sensorless driver for brushless DC (BLDC) motors.
It features 180° sinusoidal drive, high torque output and
silent drive. With the adaptive features, parameters and
wide range of power-supplies, the MTD6501C/D/2B/5 are
intended to cover a broad range of motor characteristics,
while requiring minimum external components. Speed
control can be achieved through either power supply
modulation (PSM) or pulse-width modulation (PWM). The
compact packaging and the minimal bill-of-material make
the MTD6501C/D/2B/5 product family extremely cost
efficient in fan applications.
For example, the CPU cooling fans in notebook computers
require designs that provide low acoustic noise, low
mechanical vibration, and are highly efficient. The frequency
generator (FG) output enables precision speed control in
closed-loop applications.
The MTD6501C/D/2B/5 includes Lockup Protection mode
to turn off the output current when the motor is in a lock
condition, with an automatic recovery feature to restart the
fan when the lock condition is removed. Motor overcurrent
limitation and thermal shutdown protection are included for
safety enhanced operations.
MTD6505 Application CIrcuit Diagram
Device
Vmax
Fsw
Package
Features
MTD6501C
15.3V
20 kHz
Thermally enhanced SOIC-8
FG, PWM, Lockup recovery
MTD6501D
15.3V
20 kHz
MSOP-10
FG, PWM, Boost, Lockup recovery
MTD6501G
15.3V
23 kHz
Thermally enhanced SOIC-8
FG, PWM, Lockup recovery
MTD6502B
5.5V
30 kHz
TDFN-10
FG, PWM, DIR, Lockup recovery
MTD6505
5.5V
30 kHz
UDFN-10
FG, PWM, DIR, Lockup recovery, programmable
BEMF coefficient
FG
PROG
VBIAS
OUT1
OUT2
PWM
DIR
VDD
OUT3
GND
C1
C2
MTD6505
VDD
Features
■ 180° sinusoidal drive, for high efficiency and
low acoustic noise
■ Position sensorless BLDC Motor Drivers
(no hall-effect sensor required)
■ Integrated power transistors
■ Speed control through Power Supply Modulation (PSM)
and/or Pulse-Width Modulation (PWM)
■ Built-in frequency generator (FG Output Signal)
■ Built-in lockup protection and automatic
■ Recovery circuit
■ Built-in overcurrent limitation
■ Built-in thermal shutdown protection
■ No external tuning required
Applications
■ 3-phase BLDC motors
■ 3-phase BLDC fans
■ Pumps; e.g. water pumps


Similar Part No. - MTD6501D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTD6501D MICROCHIP-MTD6501D Datasheet
920Kb / 24P
3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
2010-2012 11/29/11
MTD6501D-H MICROCHIP-MTD6501D-H Datasheet
920Kb / 24P
3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
2010-2012 11/29/11
MTD6501D-HC1 MICROCHIP-MTD6501D-HC1 Datasheet
920Kb / 24P
3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
2010-2012 11/29/11
MTD6501D-L MICROCHIP-MTD6501D-L Datasheet
920Kb / 24P
3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
2010-2012 11/29/11
MTD6501D-LC1 MICROCHIP-MTD6501D-LC1 Datasheet
920Kb / 24P
3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
2010-2012 11/29/11
More results

Similar Description - MTD6501D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTD6502B MICROCHIP-MTD6502B Datasheet
313Kb / 20P
5V 3-Phase BLDC Sinusoidal Sensorless Fan Motor Driver
2011
logo
Texas Instruments
DRV10964 TI1-DRV10964 Datasheet
2Mb / 27P
Three-Phase Sinusoidal Sensorless BLDC Motor Driver
logo
Microchip Technology
MTD6505 MICROCHIP-MTD6505_14 Datasheet
1Mb / 22P
3-Phase Sinusoidal Sensorless Brushless Motor Driver
03/25/14
MCP8063 MICROCHIP-MCP8063 Datasheet
392Kb / 20P
3-Phase Brushless Sinusoidal Sensorless Motor Driver
03/25/14
logo
Eutech Microelectronics...
EUM6811 EUTECH-EUM6811 Datasheet
304Kb / 1P
3-Phase Sensorless BLDC Fan Motor Driver
logo
Allegro MicroSystems
A4964 ALLEGRO-A4964 Datasheet
1Mb / 92P
Sensorless Sinusoidal Drive BLDC Controller
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
3-Phase Sensorless BLDC Motor Driver
PT2434 PTC-PT2434 Datasheet
412Kb / 5P
3-Phase Sensorless BLDC Motor Controller
PT2501 PTC-PT2501 Datasheet
247Kb / 4P
3-Phase Sinusoidal BLDC Motor Controller
PT2505 PTC-PT2505 Datasheet
243Kb / 5P
3-Phase Sinusoidal BLDC Motor Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com