Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC2404 Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC2404
Description  1.6GHz Low Noise Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2404 Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC2404_12 Datasheet HTML 7Page - Torex Semiconductor XC2404_12 Datasheet HTML 8Page - Torex Semiconductor XC2404_12 Datasheet HTML 9Page - Torex Semiconductor XC2404_12 Datasheet HTML 10Page - Torex Semiconductor XC2404_12 Datasheet HTML 11Page - Torex Semiconductor XC2404_12 Datasheet HTML 12Page - Torex Semiconductor XC2404_12 Datasheet HTML 13Page - Torex Semiconductor XC2404_12 Datasheet HTML 14Page - Torex Semiconductor XC2404_12 Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11/16
XC2404A816UR-G
-50
-48
-45
-43
-40
-38
-35
-33
-30
-50
-25
0
25
50
75
100
Ambient Temperature:Ta(℃)
VDD= 1.2V Pin=-40dBm
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-50
-25
0
25
50
75
100
Ambient Temperature:Ta(℃)
VDD=1.2V、f =1.575GHz
-20
-18
-16
-14
-12
-10
-50
-25
0
25
50
75
100
Am bient Tem perature:Ta(℃)
VDD=1.2V、f =1.575+1.576GHz,Pin=-45dBm
-30
-29
-28
-27
-26
-25
-24
-23
-50
-25
0
25
50
75
100
Ambient Temperature:Ta(℃)
VDD= 1.2V, f=1.575GHz
15
20
25
30
35
40
11.2
1.4
1.6
1.8
2
Frequency: f (GHz)
VDD=1.20V
Ta=25℃
Ta = 85℃
Ta = -40℃
-20
-15
-10
-5
0
1
1.2
1.4
1.6
1.8
2
Frequency: f (GHz)
Ta=25℃
Ta = 85℃
Ta = -40℃
VDD=1.20V
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(13) Reverse Isolation vs. Ambient Temperature
XC2404A816
(14) Noise Figure vs. Ambient Temperature
(15) Input 3 Order intercept point vs. Ambient Temperature
XC2404A816
(17) Power Gain vs. Frequency
XC2404A816
(18) Input Return Loss vs. Frequency
XC2404A816
(16) Input Power @ 1dB Gain Compression vs. Ambient Temperature
XC2404A816
XC2404A816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com