Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC2404 Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XC2404
Description  1.6GHz Low Noise Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2404 Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XC2404_12 Datasheet HTML 8Page - Torex Semiconductor XC2404_12 Datasheet HTML 9Page - Torex Semiconductor XC2404_12 Datasheet HTML 10Page - Torex Semiconductor XC2404_12 Datasheet HTML 11Page - Torex Semiconductor XC2404_12 Datasheet HTML 12Page - Torex Semiconductor XC2404_12 Datasheet HTML 13Page - Torex Semiconductor XC2404_12 Datasheet HTML 14Page - Torex Semiconductor XC2404_12 Datasheet HTML 15Page - Torex Semiconductor XC2404_12 Datasheet HTML 16Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12/16
XC2404A816UR-G
-40
-30
-20
-10
0
1
1.2
1.4
1.6
1.8
2
Frequency: f (GHz)
VDD= 1.2V
Ta = 25℃
-40℃
85℃
-60
-50
-40
-30
-20
1
1.2
1.4
1.6
1.8
2
Frequency: f (GHz)
VDD= 1.20V
Topr=25℃
-40℃
85℃
0
0.5
1
1.5
2
2.5
3
3.5
4
1
1.2
1.4
1.6
1.8
Frequency (GHz)
Ta = 85℃
Ta = -40℃
Ta=25℃
V
DD=1.2V
0
5
10
15
20
25
30
-50
-40
-30
-20
-10
0
Input Power : Pin (dB)
VDD= 1.2V Ta = 25℃
(19) Output Return Loss vs. Frequency
XC2404A816
(20) Isolation vs. Frequency
XC2404A816
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(21) Input Return Loss vs. Frequency (Smith Chart)
XC2404A816
(22) Output Return Loss vs. Frequency (Smith Chart)
XC2404A816
(23) Noise Figure vs. Frequency
XC2404A816
(24) Power Gain vs. Input Power
XC2404A816
f = 1.575GHz
Ta = 25℃ VDD=1.2V
f = 1.575GHz
Ta = 25℃ VDD=1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com