Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL070CD Datasheet(PDF) 6 Page - Texas Instruments

Part # TL070CD
Description  JFET-INPUT OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL070CD Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL070CD Datasheet HTML 2Page - Texas Instruments TL070CD Datasheet HTML 3Page - Texas Instruments TL070CD Datasheet HTML 4Page - Texas Instruments TL070CD Datasheet HTML 5Page - Texas Instruments TL070CD Datasheet HTML 6Page - Texas Instruments TL070CD Datasheet HTML 7Page - Texas Instruments TL070CD Datasheet HTML 8Page - Texas Instruments TL070CD Datasheet HTML 9Page - Texas Instruments TL070CD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TL070
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS121B – NOVEMBER 1993 – REVISED MARCH 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Input bias current vs Free-air temperature
5
Maximum peak output voltage vs Frequency
6, 7, 8
Maximum peak output voltage vs Free-air temperature
9
Maximum peak output voltage vs Load resistance
10
Maximum peak output voltage vs Supply voltage
11
Large-signal differential voltage amplification vs Free-air temperature
12
Differential voltage amplification vs Frequency with feed-forward compensation
13
Large-signal differential voltage amplification and phase shift vs Frequency
14
Normalized unity-gain bandwidth and phase shift vs Free-air temperature
15
Common-mode rejection ratio vs Free-air temperature
16
Supply current vs Supply voltage
17
Supply current vs Free-air temperature
18
Total power dissipated vs Free-air temperature
19
Normalized slew rate vs Free-air temperature
20
Equivalent input noise voltage vs Frequency
21
Total harmonic distortion vs Frequency
22
Voltage-follower large-signal pulse response
23
Output voltage vs Elapsed time
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com