Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL070CD Datasheet(PDF) 1 Page - Texas Instruments

Part # TL070CD
Description  JFET-INPUT OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL070CD Datasheet(HTML) 1 Page - Texas Instruments

  TL070CD Datasheet HTML 1Page - Texas Instruments TL070CD Datasheet HTML 2Page - Texas Instruments TL070CD Datasheet HTML 3Page - Texas Instruments TL070CD Datasheet HTML 4Page - Texas Instruments TL070CD Datasheet HTML 5Page - Texas Instruments TL070CD Datasheet HTML 6Page - Texas Instruments TL070CD Datasheet HTML 7Page - Texas Instruments TL070CD Datasheet HTML 8Page - Texas Instruments TL070CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TL070
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS121B – NOVEMBER 1993 – REVISED MARCH 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Power Consumption
D Wide Common-Mode and Differential
Voltage Ranges
D Low Input-Bias and Offset Currents
D Output Short-Circuit Protection
D Low Total Harmonic
Distortion . . . 0.003% Typ
D Low Noise ...Vn = 18 nV/√Hz Typ at
f = 1 kHz
D High Input Impedance . . . JFET Input Stage
D Common-Mode Input Voltage Range
Includes VCC+
D Latch-Up-Free Operation
D High Slew Rate . . . 13 V/µs Typ
description
The JFET-input TL070 operational amplifier is designed as the lower-noise version of the TL080 amplifier with
low input-bias and offset currents and fast slew rate. The low harmonic distortion and low noise make the TL070
ideally suited for high-fidelity and audio-preamplifier applications. This amplifier features JFET inputs (for high
input impedance) coupled with bipolar output stages integrated on a single monolithic chip.
The TL070I device is characterized for operation from –40
°C to 85°C.
AVAILABLE OPTIONS
PACKAGE
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
–40
°C to 85°C
10 mV
TL070ID
logic symbol†
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
N1/COMP
COMP
IN+
IN–
OFFSET N2
OUT
+
–
1
8
3
2
5
6
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
N1/COMP
IN–
IN+
VCC –
COMP
VCC+
OUT
OFFSET N2
D PACKAGE
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TL070CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL070CD TI-TL070CD Datasheet
238Kb / 15P
JFET-INPUT OPERATIONAL AMPLIFIER
TL070CD TI-TL070CD Datasheet
299Kb / 16P
JFET-INPUT OPERATIONAL AMPLIFIER
More results

Similar Description - TL070CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF411 TI-LF411 Datasheet
172Kb / 7P
JFET-INPUT OPERATIONAL AMPLIFIER
TL070 TI-TL070 Datasheet
238Kb / 15P
JFET-INPUT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL070 TI-TL070_06 Datasheet
299Kb / 16P
JFET-INPUT OPERATIONAL AMPLIFIER
TL080 TI-TL080_06 Datasheet
222Kb / 13P
JFET-INPUT OPERATIONAL AMPLIFIER
TL082-Q1 TI1-TL082-Q1 Datasheet
345Kb / 15P
JFET-INPUT OPERATIONAL AMPLIFIER
OPA659 TI1-OPA659 Datasheet
1Mb / 35P
JFET-Input Operational Amplifier
LF411 TI1-LF411_14 Datasheet
395Kb / 11P
JFET-INPUT OPERATIONAL AMPLIFIER
LF356-MIL TI1-LF356-MIL Datasheet
1Mb / 28P
JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com