Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725 Datasheet(HTML) 64 Page - Texas Instruments

Back Button DM3725 Datasheet HTML 60Page - Texas Instruments DM3725 Datasheet HTML 61Page - Texas Instruments DM3725 Datasheet HTML 62Page - Texas Instruments DM3725 Datasheet HTML 63Page - Texas Instruments DM3725 Datasheet HTML 64Page - Texas Instruments DM3725 Datasheet HTML 65Page - Texas Instruments DM3725 Datasheet HTML 66Page - Texas Instruments DM3725 Datasheet HTML 67Page - Texas Instruments DM3725 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
(1) The drive strength of these IOs is set according to the programmable load range: 2 pF to 4 pF per default or 4 pF to 12 pF. For a full
description of the drive strength programming, see the System Control Module chapter of the AM/DM37x Multimedia Device Technical
Reference Manual (literature number SPRUGN4).
(2) Pins labeled as "No connect" must be left unconnected. Any connections to these pins may result in unpredictable behavior.
(3) PU = [50 to 100 k
Ω] per default or [10 to 50 kΩ] according to the selected mode.
For a full description of the pull-up drive strength programming, see the PRG_SDMMC_PUSTRENGTH configuration register bit field in
the System Control Module chapter of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4).
PD: 30 to 150 k
Ω.
(4) These signals are feed-through balls. For more information, see Table 2-27.
(5) NA in this table stands for "Not Applicable".
(6) In the safe_mode_out1, the buffer is configured to drive 1.
(7) Depending on the sys_clkreq direction the corresponding reset released state value can be:
–
Z if sys_clkreq is used as input
–
1 if sys_clkreq is used as output
For a full description of the sys_clkreq control, see Power, Reset, and Clock Management chapter of the AM/DM37x Multimedia Device
Technical Reference Manual (literature number SPRUGN4).
(8) The usage of this GPIO is strongly restricted. For more information, see the General-Purpose Interface chapter of the AM/DM37x
Multimedia Device Technical Reference Manual (literature number SPRUGN4).
(9) The pullup and pulldown can be either the standard LVCMOS 100-
μA drive strength or the I2C pullup and pulldown described as
follows: Nominal resistance = 1.66 k
Ω in high-speed mode with a load range of 5 pF to 12 pF, 4.5 kΩ in standard / fast mode with a load
range of 5 pF to 15 pF.
(10) The default buffer configuration is High-Speed I2C point-to-point mode using internal pullup. For a full description of the pull drive
strength programming, see prg_i2c1_pullupresx, prg_i2c1_lb1lb0, and prg_sr_pullupresx, prg_sr_lb bits of the CONTROL_PROG_IO1,
CONTROL_PROG_IO_WKUP1 control modules in the System Control Module chapter of the AM/DM37x Multimedia Device Technical
Reference Manual (literature number SPRUGN4) to modify the IO settings if required by the targeted interface application.
(11) The default buffer configuration is standard LVCMOS mode (non-I2C). For a full description of the pull drive strength programming, see
PADCONFS bits of CONTROL_PADCONF_X control modules (standard LVCMOS mode), or prg_i2c2_pullupresx, prg_i2c2_lb1lb0, and
prg_i2c3_pullupresx, prg_i2c3_lb1lb0 bits of the CONTROL_PROG_IO2, CONTROL_PROG_IO3 control modules (I2C mode) in the
System Control Module chapter of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4) to
modify the IO settings if required by the targeted interface application.
(12) Mux0 if sys_boot6 is pulled down (clock master).
(13) If MMC1 functional signals are enabled, vdds_mmc1 for MMC1 must be supplied by a dedicated power source.
If MMC1 functional signals are disabled, other multiplexed CMOS signals of the interface can be enabled. The interface can be supplied
by the same power source as vdds. The vdds power source supplies the vdds_mmc1 ball.
If neither MMC1 functional balls or CMOS signals are enabled, the interface balls are left unconnected with its associated power supply
(vdda/vssa) grounded.
For the corresponding setting of the PBIASLITEPWRDNZ0 bit, see the System Control Module / SCM Programming Model /
Extended-Drain I/Os and PBIAS Cells Programming Guide section of the AM/DM37x Multimedia Device Technical Reference Manual
(literature number SPRUGN4).
Table 2-3. Ball Characteristics (CUS Pkg.)(1)
BALL
PIN NAME [2]
MODE [3]
TYPE [4]
BALL RESET BALL RESET RESET REL. POWER [8]
HYS [9]
BUFFER
PULLUP
IO CELL [12]
NUMBER [1]
STATE [5]
REL. STATE MODE [7]
STRENGTH
/DOWN
[6]
(mA) [10]
TYPE [11]
D7
sdrc_d0
0
IO
L
Z
0
vdds_mem
Yes
4
(8)
PU/ PD
LVCMOS
C5
sdrc_d1
0
IO
L
Z
0
vdds_mem
Yes
4
(8)
PU/ PD
LVCMOS
C6
sdrc_d2
0
IO
L
Z
0
vdds_mem
Yes
4
(8)
PU/ PD
LVCMOS
B5
sdrc_d3
0
IO
L
Z
0
vdds_mem
Yes
4
(8)
PU/ PD
LVCMOS
D9
sdrc_d4
0
IO
L
Z
0
vdds_mem
Yes
4
(8)
PU/ PD
LVCMOS
D10
sdrc_d5
0
IO
L
Z
0
vdds_mem
Yes
4
(8)
PU/ PD
LVCMOS
C7
sdrc_d6
0
IO
L
Z
0
vdds_mem
Yes
4
(8)
PU/ PD
LVCMOS
B7
sdrc_d7
0
IO
L
Z
0
vdds_mem
Yes
4
(8)
PU/ PD
LVCMOS
B11
sdrc_d8
0
IO
L
Z
0
vdds_mem
Yes
4
(8)
PU/ PD
LVCMOS
C12
sdrc_d9
0
IO
L
Z
0
vdds_mem
Yes
4
(8)
PU/ PD
LVCMOS
B12
sdrc_d10
0
IO
L
Z
0
vdds_mem
Yes
4
(8)
PU/ PD
LVCMOS
D13
sdrc_d11
0
IO
L
Z
0
vdds_mem
Yes
4
(8)
PU/ PD
LVCMOS
C13
sdrc_d12
0
IO
L
Z
0
vdds_mem
Yes
4
(8)
PU/ PD
LVCMOS
B14
sdrc_d13
0
IO
L
Z
0
vdds_mem
Yes
4
(8)
PU/ PD
LVCMOS
A14
sdrc_d14
0
IO
L
Z
0
vdds_mem
Yes
4
(8)
PU/ PD
LVCMOS
B15
sdrc_d15
0
IO
L
Z
0
vdds_mem
Yes
4
(8)
PU/ PD
LVCMOS
C9
sdrc_d16
0
IO
L
Z
0
vdds_mem
Yes
4
(8)
PU/ PD
LVCMOS
64
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com