Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725 Datasheet(HTML) 1 Page - Texas Instruments

  DM3725 Datasheet HTML 1Page - Texas Instruments DM3725 Datasheet HTML 2Page - Texas Instruments DM3725 Datasheet HTML 3Page - Texas Instruments DM3725 Datasheet HTML 4Page - Texas Instruments DM3725 Datasheet HTML 5Page - Texas Instruments DM3725 Datasheet HTML 6Page - Texas Instruments DM3725 Datasheet HTML 7Page - Texas Instruments DM3725 Datasheet HTML 8Page - Texas Instruments DM3725 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 280 page
background image
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
DM3730, DM3725
Digital Media Processors
Check for Samples: DM3730, DM3725
1
DM3730, DM3725 Digital Media Processors
1.1
Features
123456
•
Load-Store Architecture With
• DM3730/25 Digital Media Processors:
Non-Aligned Support
– Compatible with OMAP™ 3 Architecture
•
64 32-Bit General-Purpose Registers
– ARM® Microprocessor (MPU) Subsystem
•
Instruction Packing Reduces Code Size
•
Up to 1-GHz ARM® Cortex
™-A8 Core
•
All Instructions Conditional
Also supports 300, 600, and 800-MHz
operation
•
Additional C64x+TM Enhancements
•
NEON
™ SIMD Coprocessor
– Protected Mode Operation
– High Performance Image, Video, Audio
– Expectations Support for Error
(IVA2.2TM) Accelerator Subsystem
Detection and Program Redirection
•
Up to 800-MHz TMS320C64x+TM DSP Core
– Hardware Support for Modulo Loop
Also supports 260, 520, and 660-MHz
Operation
operation
– C64x+TM L1/L2 Memory Architecture
•
Enhanced Direct Memory Access (EDMA)
•
32K-Byte L1P Program RAM/Cache
Controller (128 Independent Channels)
(Direct Mapped)
•
Video Hardware Accelerators
•
80K-Byte L1D Data RAM/Cache (2-Way
– POWERVR SGX™ Graphics Accelerator
Set- Associative)
(DM3730 only)
•
64K-Byte L2 Unified Mapped RAM/Cache
•
Tile Based Architecture Delivering up to
(4- Way Set-Associative)
20 MPoly/sec
•
32K-Byte L2 Shared SRAM and 16K-Byte
•
Universal Scalable Shader Engine:
L2 ROM
Multi-threaded Engine Incorporating Pixel
– C64x+TM Instruction Set Features
and Vertex Shader Functionality
•
Byte-Addressable (8-/16-/32-/64-Bit Data)
•
Industry Standard API Support:
•
8-Bit Overflow Protection
OpenGLES 1.1 and 2.0, OpenVG1.0
•
Bit-Field Extract, Set, Clear
•
Fine Grained Task Switching, Load
•
Normalization, Saturation, Bit-Counting
Balancing, and Power Management
•
Compact 16-Bit Instructions
•
Programmable High Quality Image
•
Additional Instructions to Support
Anti-Aliasing
Complex Multiplies
– Advanced Very-Long-Instruction-Word
– External Memory Interfaces:
(VLIW) TMS320C64x+TM DSP Core
•
SDRAM Controller (SDRC)
•
Eight Highly Independent Functional
– 16, 32-bit Memory Controller With
Units
1G-Byte Total Address Space
•
Six ALUs (32-/40-Bit); Each Supports
– Interfaces to Low-Power SDRAM
Single 32- bit, Dual 16-bit, or Quad 8-bit,
– SDRAM Memory Scheduler (SMS) and
Arithmetic per Clock Cycle
Rotation Engine
•
Two Multipliers Support Four 16 x 16-Bit
•
General Purpose Memory Controller
Multiplies (32-Bit Results) per Clock
(GPMC)
Cycle or Eight 8 x 8-Bit Multiplies (16-Bit
Results) per Clock Cycle
– 16-bit Wide Multiplexed Address/Data
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
POWERVR SGX is a trademark of Imagination Technologies Ltd.
3
OMAP is a trademark of Texas Instruments.
4
Cortex, NEON are trademarks of ARM Limited.
5
ARM is a registered trademark of ARM Ltd.
6
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DM3725

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM3725 TI-DM3725 Datasheet
2Mb / 268P
Applications Processor
DM3725 TI1-DM3725 Datasheet
3Mb / 280P
Digital Media Processors
JULY2011
DM3725 TI1-DM3725 Datasheet
3Mb / 281P
Digital Media Processors
DM3725 TI1-DM3725 Datasheet
3Mb / 280P
Digital Media Processors
DM3725CBC TI1-DM3725CBC Datasheet
3Mb / 280P
Digital Media Processors
JULY2011
More results

Similar Description - DM3725

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX1300 PHILIPS-PNX1300 Datasheet
5Mb / 548P
Media Processors
2002 Feb 15
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
Digital Media Processor
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
TMS320DM814x DaVinci Digital Media Processors
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
Digital Media Processors
JULY2011
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
Digital Media Processors
DM3730 TI1-DM3730_12 Datasheet
3Mb / 280P
DM3730, DM3725 Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
DaVinci Digital Media Processors
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
Digital Media Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com