Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9963 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9963
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9963 Datasheet HTML 17Page - Analog Devices AD9963 Datasheet HTML 18Page - Analog Devices AD9963 Datasheet HTML 19Page - Analog Devices AD9963 Datasheet HTML 20Page - Analog Devices AD9963 Datasheet HTML 21Page - Analog Devices AD9963 Datasheet HTML 22Page - Analog Devices AD9963 Datasheet HTML 23Page - Analog Devices AD9963 Datasheet HTML 24Page - Analog Devices AD9963 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
Data Sheet
AD9961/AD9963
Rev. A | Page 21 of 60
When LSB first is set by Register 0x00, Bit 2 and Register 0x00,
Bit 6, it takes effect immediately. In multibyte transfers,
subsequent bytes reflect any changes in the serial port
configuration. To avoid problems reconfiguring the serial port
operation, any data written to 0x00 must be mirrored (the eight
bits should read the same, forward or backward). Mirroring the
data makes it irrelevant whether LSB first or MSB first is in
effect. As an example of this mirroring, the default setting for
Register 0x00 is 00011000.
Ending Transfers
When the transfer is 1, 2, or 3 bytes, the data transfer ends after
the required number of clock cycles have been received. CS can
be raised after each sequence of eight bits to stall the bus (except
after the last byte, where it ends the cycle). When the bus is
stalled, the serial transfer resumes when CS is lowered. Raising
CS on a non byte boundary resets the serial control port.
The AD9961/AD9963 serial control port register addresses
decrement from the register address just written toward 0x00
for multibyte I/O operations if the MSB first mode is active
(default). If the LSB first mode is active, the register address of
the serial control port increments from the address just written
toward 0xFF for multibyte I/O operations.
Streaming mode transfers always terminate when CS is raised.
Streaming mode transfers also terminate whenever the address
reaches 0xFF. Note that unused addresses are not skipped
during multibyte I/O operations. To avoid unpredictable device
behavior, do not write to reserved registers.
Table 11. Streaming Mode (No Addresses Are Skipped)
Write Mode
Address Direction
Stop Sequence
LSB First
Increment
0xFD, 0xFE, 0xFF, stop
MSB First
Decrement
0x01, 0x00, 0xFF, stop
SUB SERIAL INTERFACE COMMUNICATIONS
The AD9963/AD9961 have two registers that require a different
communication sequence. These registers are 0x0F and 0x10.
The write sequence for these two registers requires a write to
Register 0x05, a write to the Register (0x0F or 0x10), and then a
write to Register 0xFF. The write takes effect when the write to
Register 0xFF is completed.
For example, to enable the RXCML pin output buffer, the
register write sequence is:
1.
Write 0x03 into Register 0x05. This addresses both of the
Rx ADCs.
2.
Write 0x02 into Register 0x0F. This sets the RXCML
enable bit.
3.
Write 0x01 into Register 0xFF. This updates the internal
register, which activates the RXCML buffer.
4.
Write 0x00 into Register 0x05. This returns the SPI to the
normal addressing mode.
An example of updating Register 0x10 is given in the ADC
Digital Offset Adjustment section.
Table 12. Serial Control Port, 16-Bit Instruction Word, MSB First
MSB
LSB
I15
I14
I13
I12
I11
I10
I9
I8
I7
I6
I5
I4
I3
I2
I1
I0
R/W
N1
N0
0
0
0
0
0
A7
A6
A5
A4
A3
A2
A1
A0
CS
SCLK DON’T CARE
SDIO
A12
N0
N1
R/W
A11 A10 A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
D7 D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
DON’T CARE
DON’T CARE
DON’T CARE
16-BIT INSTRUCTION HEADER
REGISTER (N) DATA
REGISTER (N – 1) DATA
Figure 34. Serial Control Port Access—MSB First, 16-Bit Instruction, 2-Byte Data
tS
DON’T CARE
DON’T CARE
N1
N0A12
A11
A10
A9A8A7A6A5
D4D3
D2D1D0
DON’T CARE
DON’T CARE
R/W
tDS
tDH
tHIGH
tLOW
tCLK
tC
CS
SCLK
SDIO
Figure 35. Serial Control Port Write—MSB First, 16-Bit Instruction, Timing Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com