Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9963 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9963
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963 Datasheet(HTML) 3 Page - Analog Devices

  AD9963 Datasheet HTML 1Page - Analog Devices AD9963 Datasheet HTML 2Page - Analog Devices AD9963 Datasheet HTML 3Page - Analog Devices AD9963 Datasheet HTML 4Page - Analog Devices AD9963 Datasheet HTML 5Page - Analog Devices AD9963 Datasheet HTML 6Page - Analog Devices AD9963 Datasheet HTML 7Page - Analog Devices AD9963 Datasheet HTML 8Page - Analog Devices AD9963 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
Data Sheet
AD9961/AD9963
Rev. A | Page 3 of 60
SPECIFICATIONS
TMIN to TMAX, RX33V = TXVDD = CLK33V = DRVDD = AUX33V = 3.3 V. All LDOs enabled, IOUTFS = 2 mA, DAC sample rate = 125 MSPS. No
interpolation, unless otherwise noted.
Table 1. Tx Path Specifications
AD9961
AD9963
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
TxDAC DC CHARACTERISTICS
Resolution
10
12
Bits
Differential Nonlinearity
0.1
0.3
LSB
Gain Variation (Internal Reference)
−10
0.4
+10
−10
0.4
+10
%FSR
Gain Matching
−2.4
0.4
+2.4
−2.4
0.4
+2.4
%FSR
Offset Error
−0.03
+0.03
−0.03
+0.03
%FSR
Full-Scale Output Current (Default Setting)
2.0
2.0
mA
Output Compliance Range
TXVDD = 3.3 V, V
TXCML = 0 V
−0.5
+1.0
−0.5
+1.0
V
TXVDD = 3.3 V, V
TXCML = 0.5 V
+0.7
+1.7
+0.7
+1.7
V
TXVDD = 1.8 V, V
TXCML = 0 V
−0.5
+0.8
−0.5
+0.8
V
Offset Temperature Drift
0
0
ppm/°C
Gain Temperature Drift (Internal Reference)
±40
±40
ppm/°C
Tx REFERENCE (DEFAULT REGISTER SETTINGS)
Internal Reference Voltage (REFIO)
1.02
1.02
V
Output Resistance
10
10
kΩ
Temperature Drift
±25
±25
ppm/°C
Adjustment Range (TXVDD = 3 V)
0.8
1.2
0.8
1.2
V
Adjustment Range (TXVDD = 1.8 V)
0.8
REFIO
0.8
REFIO
V
TxDAC AC CHARACTERISTICS
Maximum Update Rate
175
175
MSPS
Spurious-Free Dynamic Range
f
OUT = 5 MHz
78
81
dBc
f
OUT = 20 MHz
68
70
dBc
Two-Tone Intermodulation Distortion
f
OUT1 = 5 MHz, fOUT2 = 6 MHz
85
89
dBc
f
OUT1 = 20 MHz, fOUT2 = 21 MHz
78
80
dBc
Noise Spectral Density
f
OUT = 5 MHz
−140
−145
dBm/Hz
f
OUT = 20 MHz
−136
−141
dBm/Hz
W-CDMA Adjacent Channel Leakage Ratio, 1 Carrier
f
DAC = 122.88 MHz, fOUT = 11 MHz
70
74
dBc
Tx PATH DIGITAL FILTER INPUT RATES
SRRC (8× Interpolation Mode)
21.875
21.875
MHz
INT0 (4× Interpolation Mode)
43.75
43.75
MHz
INT1 (2× Interpolation Mode
87.5
87.5
MHz
Transmit DAC (1× Interpolation Mode)
175
175
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com