Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64-Kbits), 1.65V Minimum SPI Serial Flash Memory
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB021E Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AT45DB021E Datasheet HTML 9Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 10Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 11Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 12Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 13Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 14Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 15Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 16Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
13
AT45DB021E
8789E–DFLASH–10/2013
Table 6-1.
Block Erase Addressing
6.8
Sector Erase
The Sector Erase command can be used to individually erase any sector in the main memory.
The main memory array is comprised of nine sectors, and only one sector can be erased at a time. To perform an erase
of Sector 0a or Sector 0b with the standard DataFlash page size (264 bytes), an opcode of 7Ch must be clocked into the
device followed by three address bytes comprised of five dummy bits, seven page address bits (PA9 - PA3), and
12 dummy bits. To perform a Sector 1-7 erase, an opcode of 7Ch must be clocked into the device followed by three
address bytes comprised of five dummy bits, three page address bits (PA9 - PA7), and 16 dummy bits.
To perform a Sector 0a or Sector 0b erase with the binary page size (256 bytes), an opcode of 7Ch must be clocked into
the device followed by three address bytes comprised of six dummy bits, seven page address bits (A17 - A11), and
11 dummy bits. To perform a Sector 1-7 erase, an opcode of 7Ch must be clocked into the device followed by six dummy
bits, three page address bits (A17 - A15), and 15 dummy bits.
The page address bits are used to specify any valid address location within the sector is to be erased. When a
low-to-high transition occurs on the CS pin, the device will erase the selected sector. The erase operation is internally
self-timed and should take place in a maximum time of tSE. During this time, the RDY/BUSY bit in the Status Register will
indicate that the device is busy.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase properly. If
an erase error arises, it will be indicated by the EPE bit in the Status Register.
PA9/A17 PA8/A16 PA7/A15 PA6/A14 PA5/A13 PA4/A12
PA3/A11
PA2/A10
PA1/A9
PA0/A8
Block
0
0
0
0
0
0
0
X
X
X
0
0
0
0
0
0
0
1
X
X
X
1
0
0
0
0
0
1
0
X
X
X
2
0
0
0
0
0
1
1
X
X
X
3
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
1
1
1
1
1
0
0
X
X
X
124
1
1
1
1
1
0
1
X
X
X
125
1
1
1
1
1
1
0
X
X
X
126
1
1
1
1
1
1
1
X
X
X
127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com