Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64-Kbits), 1.65V Minimum SPI Serial Flash Memory
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB021E Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button AT45DB021E Datasheet HTML 25Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 26Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 27Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 28Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 29Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 30Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 31Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 32Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
29
AT45DB021E
8789E–DFLASH–10/2013
10.
Deep Power-Down
During normal operation, the device will be placed in the standby mode to consume less power as long as the CS pin
remains deasserted and no internal operation is in progress. The Deep Power-Down command offers the ability to place
the device into an even lower power consumption state called the Deep Power-Down mode.
When the device is in the Deep Power-Down mode, all commands including the Status Register Read command will be
ignored with the exception of the Resume from Deep Power-Down command. Since all commands will be ignored, the
mode can be used as an extra protection mechanism against program and erase operations.
Entering the Deep Power-Down mode is accomplished by simply asserting the CS pin, clocking in the opcode B9h, and
then deasserting the CS pin. Any additional data clocked into the device after the opcode will be ignored. When the CS
pin is deasserted, the device will enter the Deep Power-Down mode within the maximum time of tEDPD.
The complete opcode must be clocked in before the CS pin is deasserted; otherwise, the device will abort the operation
and return to the standby mode once the CS pin is deasserted. In addition, the device will default to the standby mode
after a power cycle.
The Deep Power-Down command will be ignored if an internally self-timed operation such as a program or erase cycle is
in progress. The Deep Power-Down command must be reissued after the internally self-timed operation has been
completed in order for the device to enter the Deep Power-Down mode.
Figure 10-1. Deep Power-Down
SCK
CS
SI
SO
MSB
ICC
23
1
0
10111001
67
5
4
Opcode
High-impedance
Standby Mode Current
Active Current
Deep Power-Down Mode Current
tEDPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com