Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV992AIYST Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # TSV992AIYST
Description  Rail-to-rail input/output 20 MHz GBP operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSV992AIYST Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button TSV992AIYST Datasheet HTML 8Page - List of Unclassifed Manufacturers TSV992AIYST Datasheet HTML 9Page - List of Unclassifed Manufacturers TSV992AIYST Datasheet HTML 10Page - List of Unclassifed Manufacturers TSV992AIYST Datasheet HTML 11Page - List of Unclassifed Manufacturers TSV992AIYST Datasheet HTML 12Page - List of Unclassifed Manufacturers TSV992AIYST Datasheet HTML 13Page - List of Unclassifed Manufacturers TSV992AIYST Datasheet HTML 14Page - List of Unclassifed Manufacturers TSV992AIYST Datasheet HTML 15Page - List of Unclassifed Manufacturers TSV992AIYST Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Application information
TSV99x, TSV99xA
12/25
Doc ID 12833 Rev 9
3
Application information
3.1
Driving resistive and capacitive loads
These products are low-voltage, low-power operational amplifiers optimized to drive rather
large resistive loads above 2 k
Ω..
TSV99x products are not unity gain stable. To ensure proper stability they must be used in a
gain configuration, with a minimum gain of -3 or +4.
However, they can be used in a “follower“ configuration by adding a small, in-series resistor
at the output, which drastically improves the stability of the device (Figure 15 shows the
recommended in-series resistor values). Once the in-series resistor value has been
selected, the stability of the circuit should be tested on the bench and simulated with the
simulation model.
Another way to improve stability and reduce peaking is to add a capacitor in parallel with the
feedback resistor. As shown in Figure 16, the feedback capacitor drastically reduces the
peaking versus capacitive load (inverting gain configuration, gain = -2).
3.2
PCB layouts
For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible
to the power supply pins.
Figure 15.
In-series resistor vs. capacitive
load when TSV99x used in follower
configuration
Figure 16.
Peaking versus capacitive load,
with or without feedback capacitor
in inverting gain configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com