Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV992AIYST Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # TSV992AIYST
Description  Rail-to-rail input/output 20 MHz GBP operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSV992AIYST Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button TSV992AIYST Datasheet HTML 17Page - List of Unclassifed Manufacturers TSV992AIYST Datasheet HTML 18Page - List of Unclassifed Manufacturers TSV992AIYST Datasheet HTML 19Page - List of Unclassifed Manufacturers TSV992AIYST Datasheet HTML 20Page - List of Unclassifed Manufacturers TSV992AIYST Datasheet HTML 21Page - List of Unclassifed Manufacturers TSV992AIYST Datasheet HTML 22Page - List of Unclassifed Manufacturers TSV992AIYST Datasheet HTML 23Page - List of Unclassifed Manufacturers TSV992AIYST Datasheet HTML 24Page - List of Unclassifed Manufacturers TSV992AIYST Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Ordering information
TSV99x, TSV99xA
22/25
Doc ID 12833 Rev 9
5
Ordering information
Table 12.
Order codes(1)
1.
All packages are Moisture Sensitivity Level 1 as per Jedec J-STD-020-C, except SO-14 which is Jedec
level 3.
Order code
Temperature range
Package
Packing
Marking
TSV991ILT
-40° C to +125° C
SOT23-5
Tape & reel
K130
TSV991AILT
K129
TSV991IQ2T
DFN8 2x2
K1E
TSV992IST
MiniSO-8
K132
TSV992AIST
K135
TSV992ID
TSV992IDT
SO-8
Tube
Tape & reel
V992I
TSV992AID
TSV992AIDT
Tube
Tape & reel
V992AI
TSV994IPT
TSSOP14
Tape & reel
V994I
TSV994AIPT
V994AI
TSV994ID
TSV994IDT
SO-14(1)
Tube
Tape & reel
V994I
TSV994AID
TSV994AIDT
Tube
Tape & reel
V994AI
TSV991IYLT(2)
2.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent.
-40° C to +125° C
Automotive grade
SOT23-5
Tape & reel
K149
TSV991AIYLT(2)
K150
TSV992IYDT(2)
SO-8
Tape & reel
V992IY
TSV992AIYDT(2)
Tape & reel
V992AY
TSV992IYST(2)
MiniSO-8
Tape & reel
K149
TSV992AIYST(2)
K150
TSV994IYDT(2)
SO-14(1)
Tape & reel
V994IY
TSV994AIYDT(2)
Tape & reel
V994AY
TSV994IYPT(2)
TSSOP14
Tape & reel
V994IY
TSV994AIYPT(2)
V994AY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com