Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3906 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP3906 Datasheet HTML 12Page - Texas Instruments LP3906 Datasheet HTML 13Page - Texas Instruments LP3906 Datasheet HTML 14Page - Texas Instruments LP3906 Datasheet HTML 15Page - Texas Instruments LP3906 Datasheet HTML 16Page - Texas Instruments LP3906 Datasheet HTML 17Page - Texas Instruments LP3906 Datasheet HTML 18Page - Texas Instruments LP3906 Datasheet HTML 19Page - Texas Instruments LP3906 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
LP3906
SNVS456M – AUGUST 2006 – REVISED MAY 2013
www.ti.com
HIGH VIN-HIGH LOAD OPERATION
Additional information is provided when the IC is operated at extremes of Vin and regulator loads. These are
described in terms of the Junction Temperature and Buck Output Ripple Management.
Junction Temperature
The maximum junction temperature TJ-MAX-OP of 125ºC of the IC package.
The following equations demonstrate junction temperature determination, ambient temperature TA-MAX and
Total chip power must be controlled to keep TJ below this maximum:
TJ-MAX-OP = TA-MAX + (
θJA) [ °C/ Watt] * (PD-MAX) [Watts]
Total IC power dissipation PD-MAX is the sum of the individual power dissipation of the four regulators plus a
minor amount for chip overhead. Chip overhead is Bias, TSD & LDO analog.
PD-MAX = PLDO1 + PLD02 + PBUCK1 + PBUCK2 + (0.0001A * Vin) [Watts].
Power dissipation of LDO1
PLDO1 = (VinLDO1- VoutLDO1) * IoutLDO1 [V*A]
Power dissipation of LDO2
PLDO2 = (VinLDO2 - VoutLDO2) * IoutLDO2 [V*A]
Power dissipation of Buck1
PBuck1 = PIN – POUT =
VoutBuck1* IoutBuck1 * (1 -η1) / η1 [V*A]
η1 = efficiency of buck 1
Power dissipation of Buck2
PBuck2 = PIN – POUT =
VoutBuck2 * IoutBuck2 * (1 - η2) / η2 [V*A]
η2 = efficiency of buck 2
η is the efficiency for the specific condition taken from efficiency graphs.
Buck Output Ripple Management
If Vin and ILoad increase, the output ripple associated with the Buck Regulators also increases. Figure 32 shows
the safe operating area. To ensure operation in the area of concern it is recommended that the system designer
circumvents the output ripple issues to install schottky diodes on the Bucks(s) that are expected to perform under
these extreme corner conditions.
(Schottky diodes are recommended to reduce the output ripple if the system requirements include this shaded
area of operation. Vin > 5.2 V and Iload > 1.24 A)
16
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com