Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3906 Datasheet(HTML) 3 Page - Texas Instruments

  LP3906 Datasheet HTML 1Page - Texas Instruments LP3906 Datasheet HTML 2Page - Texas Instruments LP3906 Datasheet HTML 3Page - Texas Instruments LP3906 Datasheet HTML 4Page - Texas Instruments LP3906 Datasheet HTML 5Page - Texas Instruments LP3906 Datasheet HTML 6Page - Texas Instruments LP3906 Datasheet HTML 7Page - Texas Instruments LP3906 Datasheet HTML 8Page - Texas Instruments LP3906 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
OSC
Logic
Control
and
registers
I2C
GND_SW1
SW2
FB2
vref
GND_SW2
Cvdd
4.7 PF
SYNC
BUCK1
BUCK2
Lsw2 2.2 PH
SW1
FB1
LDO2
RESET
Clock
divider
LDO2
GND_C
BIAS
Thermal
Shutdown
Power On
Reset
Lsw1 2.2 PH
VINLDO1
20
19
23
7
1
13
6
11
2
21
18
5
4
17
SDA
SCL
VBUCK2
LDO1
LDO1
14
Cldo1
0.47 PF
VinLDO12
Csw2
10 PF
Csw1
10 PF
Cldo2
0.47 PF
Power
ON-OFF
Logic
FPGA
LP3906 PMIC
Flash
VBUCK1
3
EN_T
10
9
8
12
ENLDO1
15
ENLDO2
16
GND_L
ENSW1
ENSW2
24
22
CPU
CORE
I/O
1.8V
1.2V
3.3V
3.3V
VBUCK2
3.3V
VINLDO2
AVDD
AVDD
10 PF
10 PF
1 PF
1 PF
1 PF
1 PF
DC SOURCE
4.5 ± 5.5V
Li-ion/polymer cell 3.6V - 4.2V
+
*
*
Programmable
Application
Processor
LP3906
www.ti.com
SNVS456M – AUGUST 2006 – REVISED MAY 2013
Figure 2. Typical Application Circuit
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com