Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9554ATS Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCA9554ATS
Description  8-bit I2C-bus and SMBus I/O port with interrupt
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554ATS Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCA9554ATS Datasheet HTML 23Page - NXP Semiconductors PCA9554ATS Datasheet HTML 24Page - NXP Semiconductors PCA9554ATS Datasheet HTML 25Page - NXP Semiconductors PCA9554ATS Datasheet HTML 26Page - NXP Semiconductors PCA9554ATS Datasheet HTML 27Page - NXP Semiconductors PCA9554ATS Datasheet HTML 28Page - NXP Semiconductors PCA9554ATS Datasheet HTML 29Page - NXP Semiconductors PCA9554ATS Datasheet HTML 30Page - NXP Semiconductors PCA9554ATS Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
PCA9554_9554A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 9 — 19 March 2013
27 of 35
NXP Semiconductors
PCA9554; PCA9554A
8-bit I2C-bus and SMBus I/O port with interrupt
Fig 26. PCB footprint for SOT266-1 (SSOP20); reflow soldering
DIMENSIONS in mm
Ay
By
D1
D2
Gy
Hy
P1
7.200
4.500
1.350
0.400
C
0.600
6.900
5.300
Gx
7.450
sot266-1_fr
Hx
7.300
0.650
SOT266-1
solder land
occupied area
Footprint information for reflow soldering of SSOP20 package
P2
0.750
P2
Gy
C
Hy
(0.125)
Ay
By
(0.125)
Hx
Gx
P1
D1
D2 (4x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com