Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9554ATS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9554ATS
Description  8-bit I2C-bus and SMBus I/O port with interrupt
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554ATS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9554ATS Datasheet HTML 2Page - NXP Semiconductors PCA9554ATS Datasheet HTML 3Page - NXP Semiconductors PCA9554ATS Datasheet HTML 4Page - NXP Semiconductors PCA9554ATS Datasheet HTML 5Page - NXP Semiconductors PCA9554ATS Datasheet HTML 6Page - NXP Semiconductors PCA9554ATS Datasheet HTML 7Page - NXP Semiconductors PCA9554ATS Datasheet HTML 8Page - NXP Semiconductors PCA9554ATS Datasheet HTML 9Page - NXP Semiconductors PCA9554ATS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
PCA9554_9554A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 9 — 19 March 2013
6 of 35
NXP Semiconductors
PCA9554; PCA9554A
8-bit I2C-bus and SMBus I/O port with interrupt
5.2 Pin description
[1]
HVQFN16 package die supply ground is connected to both VSS pin and exposed center pad. VSS pin must
be connected to supply ground for proper device operation. For enhanced thermal, electrical, and board
level performance, the exposed pad needs to be soldered to the board using a corresponding thermal pad
on the board and for proper heat conduction through the board, thermal vias need to be incorporated in the
PCB in the thermal pad region.
6.
Functional description
Refer to Figure 1 “Block diagram of PCA9554/PCA9554A”.
6.1 Registers
6.1.1 Command byte
The command byte is the first byte to follow the address byte during a write transmission.
It is used as a pointer to determine which of the following registers will be written or read.
Table 3.
Pin description
Symbol
Pin
Description
SO16, SSOP16,
TSSOP16
HVQFN16
SSOP20
A0
1
15
6
address input 0
A1
2
16
7
address input 1
A2
3
1
9
address input 2
IO0
4
2
10
input/output 0
IO1
5
3
11
input/output 1
IO2
6
4
12
input/output 2
IO3
7
5
14
input/output 3
VSS
86[1]
15
supply ground
IO4
9
7
16
input/output 4
IO5
10
8
17
input/output 5
IO6
11
9
19
input/output 6
IO7
12
10
20
input/output 7
INT
13
11
1
interrupt output (open-drain)
SCL
14
12
2
serial clock line
SDA
15
13
4
serial data line
VDD
16
14
5
supply voltage
n.c.
-
-
3, 8, 13, 18
not connected
Table 4.
Command byte
Command
Protocol
Function
0
read byte
Input Port register
1
read/write byte
Output Port register
2
read/write byte
Polarity Inversion register
3
read/write byte
Configuration register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com