Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZU6.2DB2 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PZU6.2DB2
Description  Dual Zener diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZU6.2DB2 Datasheet(HTML) 2 Page - NXP Semiconductors

  PZU6.2DB2 Datasheet HTML 1Page - NXP Semiconductors PZU6.2DB2 Datasheet HTML 2Page - NXP Semiconductors PZU6.2DB2 Datasheet HTML 3Page - NXP Semiconductors PZU6.2DB2 Datasheet HTML 4Page - NXP Semiconductors PZU6.2DB2 Datasheet HTML 5Page - NXP Semiconductors PZU6.2DB2 Datasheet HTML 6Page - NXP Semiconductors PZU6.2DB2 Datasheet HTML 7Page - NXP Semiconductors PZU6.2DB2 Datasheet HTML 8Page - NXP Semiconductors PZU6.2DB2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PZUXDB2_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 31 March 2008
2 of 12
NXP Semiconductors
PZUxDB2 series
Dual Zener diodes
2.
Pinning information
3.
Ordering information
[1]
The series consists of 25 types with nominal working voltages from 2.7 V to 24 V.
[2]
/DG: halogen-free plastic package
4.
Marking
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
anode (diode 1)
2
not connected
3
anode (diode 2)
4
cathode (diode 2)
5
cathode (diode 1)
13
2
4
5
006aab219
13
54
2
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PZU2.7DB2 to
PZU24DB2[1]
SC-88A
plastic surface-mounted package; 5 leads
SOT353
PZU2.7DB2/DG to
PZU24DB2/DG[1][2]
Table 4.
Marking codes
Type number
Marking code[1]
Type number[2]
Marking code[1]
PZU2.7DB2
T1*
PZU2.7DB2/DG
U1*
PZU3.0DB2
T2*
PZU3.0DB2/DG
U2*
PZU3.3DB2
T3*
PZU3.3DB2/DG
U3*
PZU3.6DB2
T4*
PZU3.6DB2/DG
U4*
PZU3.9DB2
T5*
PZU3.9DB2/DG
U5*
PZU4.3DB2
T6*
PZU4.3DB2/DG
U6*
PZU4.7DB2
T7*
PZU4.7DB2/DG
U7*
PZU5.1DB2
T8*
PZU5.1DB2/DG
U8*
PZU5.6DB2
T9*
PZU5.6DB2/DG
U9*
PZU6.2DB2
TA*
PZU6.2DB2/DG
UA*
PZU6.8DB2
TB*
PZU6.8DB2/DG
UB*
PZU7.5DB2
TC*
PZU7.5DB2/DG
UC*
PZU8.2DB2
TD*
PZU8.2DB2/DG
UD*
PZU9.1DB2
TE*
PZU9.1DB2/DG
UE*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com