Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZU6.2DB2 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PZU6.2DB2
Description  Dual Zener diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZU6.2DB2 Datasheet(HTML) 5 Page - NXP Semiconductors

  PZU6.2DB2 Datasheet HTML 1Page - NXP Semiconductors PZU6.2DB2 Datasheet HTML 2Page - NXP Semiconductors PZU6.2DB2 Datasheet HTML 3Page - NXP Semiconductors PZU6.2DB2 Datasheet HTML 4Page - NXP Semiconductors PZU6.2DB2 Datasheet HTML 5Page - NXP Semiconductors PZU6.2DB2 Datasheet HTML 6Page - NXP Semiconductors PZU6.2DB2 Datasheet HTML 7Page - NXP Semiconductors PZU6.2DB2 Datasheet HTML 8Page - NXP Semiconductors PZU6.2DB2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PZUXDB2_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 31 March 2008
5 of 12
NXP Semiconductors
PZUxDB2 series
Dual Zener diodes
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 µs; square wave; Tj =25 °C prior to surge
8.2
8.02
8.36
60
10
0.5
5
4.6
150
3.5
9.1
8.85
9.23
60
10
0.5
6
5.5
120
3.5
10
9.77
10.21
60
10
0.1
7
6.4
110
3.5
11
10.76
11.22
60
10
0.1
8
7.4
108
3
12
11.74
12.24
80
10
0.1
9
8.4
105
3
13
12.91
13.49
80
10
0.1
10
9.4
103
2.5
14
13.7
14.3
80
10
0.1
11
10.4
101
2
15
14.34
14.98
80
15
0.05
11
11.4
99
2
16
15.85
16.51
80
20
0.05
12
12.4
97
1.5
18
17.56
18.35
80
20
0.05
13
14.4
93
1.5
20
19.52
20.39
100
20
0.05
15
16.4
88
1.5
22
21.54
22.47
100
25
0.05
17
18.4
84
1.3
24
23.72
24.78
120
30
0.05
19
20.4
80
1.3
Table 8.
Characteristics per type; PZU2.7DB2 to PZU24DB2 and PZU2.7DB2/DG to PZU24DB2/DG …continued
Tj =25 °C unless otherwise specified.
PZUxDB2
PZUxDB2/DG
Working
voltage
VZ (V)
Differential resistance
rdif (Ω)
Reverse
current
IR (µA)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5mA
IZ = 0.5 mA IZ =5mA
IZ =5mA
Min
Max
Max
Max
Max
VR (V) Typ
Max
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com