Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7980ATR Datasheet(PDF) 31 Page - STMicroelectronics

Part # L7980ATR
Description  2 A step-down switching regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7980ATR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L7980ATR Datasheet HTML 27Page - STMicroelectronics L7980ATR Datasheet HTML 28Page - STMicroelectronics L7980ATR Datasheet HTML 29Page - STMicroelectronics L7980ATR Datasheet HTML 30Page - STMicroelectronics L7980ATR Datasheet HTML 31Page - STMicroelectronics L7980ATR Datasheet HTML 32Page - STMicroelectronics L7980ATR Datasheet HTML 33Page - STMicroelectronics L7980ATR Datasheet HTML 34Page - STMicroelectronics L7980ATR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
L7980
Application informations
Doc ID 15181 Rev 4
31/44
6.7
Application circuit
In Figure 18 the demonstration board application circuit is shown.
Figure 18.
Demonstration board application circuit (rev 1.0)
Table 9.
Component list (rev 1.0)
Reference
Part number
Description
Manufacturer
C1
UMK325BJ106MM-T
10
μF, 50V
Taiyo Yuden
C2
GRM32ER61E226KE15
22
μF, 25V
Murata
C3
2.2nF, 50V
C4
22nF, 50V
C5
220pF, 50V
C6
470nF, 50V
R1
4.99k
Ω, 1%, 0.1W 0603
R2
1.1k
Ω, 1%, 0.1W 0603
R3
220
Ω, 1%, 0.1W 0603
R4
2.2k
Ω, 1%, 0.1W 0603
R5
100k
Ω, 1%, 0.1W 0603
D1
STPS3L40
3A DC, 40V
STMicroelectronics
L1
MSS1038-103NL
10
μH, 30%, 3.9A,
DCRMAX=35mΩ
Coilcraft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com