Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS464CDT Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS464CDT
Description  Output rail-to-rail operational amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS464CDT Datasheet(HTML) 2 Page - STMicroelectronics

  TS464CDT Datasheet HTML 1Page - STMicroelectronics TS464CDT Datasheet HTML 2Page - STMicroelectronics TS464CDT Datasheet HTML 3Page - STMicroelectronics TS464CDT Datasheet HTML 4Page - STMicroelectronics TS464CDT Datasheet HTML 5Page - STMicroelectronics TS464CDT Datasheet HTML 6Page - STMicroelectronics TS464CDT Datasheet HTML 7Page - STMicroelectronics TS464CDT Datasheet HTML 8Page - STMicroelectronics TS464CDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute maximum ratings and operating conditions
TS461, TS462, TS464
2/13
1
Absolute maximum ratings and operating conditions
Table 1.
Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltages values, except differential voltage are with respect to network group terminal.
12
V
Vid
Differential Input Voltage (2)
2.
Differential voltages are non-inverting input terminal with respect to the inverting input terminal.
±VCC
V
Vin
Input voltage range
VDD -0.3 to VCC+0.3
V
Toper
Operating free air temperature range
-20 to +70
°C
Tstd
Storage temperature range
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to case (3)
SOT23-5
SO8
SO14
TSSOP8
TSSOP14
3.
Short-circuits can cause excessive heating and destructive dissipation.
250
125
103
120
100
°C/W
ESD
HBM: human body model(4)
4.
Human body model: 100 pF discharged through a 1.5 k
Ω resistor into pin of device.
2kV
MM: machine model(5)
5.
Machine model ESD: a 200 pF capacitor is charged to the specified voltage, then discharged directly into
the IC with no external series resistor (internal resistor < 5
Ω), into pin-to-pin of device.
200
V
CDM: charged device model
1.5
kV
Lead temperature (soldering, 10 sec)
250
°C
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 10
V
Vicm
Common mode input voltage range
VDD +1.15 to
VCC - 1.15
V
Toper
Operating free air temperature range
-20 to +70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com