Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS464CDT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS464CDT
Description  Output rail-to-rail operational amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS464CDT Datasheet(HTML) 3 Page - STMicroelectronics

  TS464CDT Datasheet HTML 1Page - STMicroelectronics TS464CDT Datasheet HTML 2Page - STMicroelectronics TS464CDT Datasheet HTML 3Page - STMicroelectronics TS464CDT Datasheet HTML 4Page - STMicroelectronics TS464CDT Datasheet HTML 5Page - STMicroelectronics TS464CDT Datasheet HTML 6Page - STMicroelectronics TS464CDT Datasheet HTML 7Page - STMicroelectronics TS464CDT Datasheet HTML 8Page - STMicroelectronics TS464CDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TS461, TS462, TS464
Electrical characteristics
3/13
2
Electrical characteristics
Table 3.
VCC = 2.5 V, VDD = -2.5 V, Vicm = VCC / 2, RL connected to VCC / 2,
Tamb = 25° C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Tmin. ≤Tamb ≤Tmax.
15
7
mV
ΔVio
Input offset voltage drift
5
μV/°C
Iio
Input offset current
Tmin. ≤Tamb ≤Tmax.
10
150
200
nA
Iib
Input bias current
Tmin. ≤Tamb ≤Tmax.
200
200
750
1000
nA
CMR
Common mode rejection ratio
Vicm = ±1.35 V
60
85
dB
SVR
Supply voltage rejection ratio
VCC = ±2 V to ±3 V
60
70
dB
Avd
Large signal voltage gain
RL = 2 kΩ
70
80
dB
VOH
High level output voltage
RL = 2 kΩ
22.4
V
VOL
Low level output voltage
RL = 2 kΩ
-2.4
-2
V
ICC
Supply current, per amplifier
Unity gain - no load
2
2.8
mA
GBP
Gain bandwidth product
f = 100 kHz, RL = 2 kΩ, CL = 100 pF
8.5
12
MHz
SR
Slew rate
AV = 1, Vin = ±1 V
2.8
4
V/
μs
en
Equivalent input noise voltage
f = 100 kHz
4
THD
Total harmonic distortion
f = 1 kHz, AV = -1, RL = 10 kΩ
0.003
%
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com