Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL604IP Datasheet(PDF) 3 Page - Texas Instruments

Part # TL604IP
Description  P-MOS ANALOG SWITCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL604IP Datasheet(HTML) 3 Page - Texas Instruments

  TL604IP Datasheet HTML 1Page - Texas Instruments TL604IP Datasheet HTML 2Page - Texas Instruments TL604IP Datasheet HTML 3Page - Texas Instruments TL604IP Datasheet HTML 4Page - Texas Instruments TL604IP Datasheet HTML 5Page - Texas Instruments TL604IP Datasheet HTML 6Page - Texas Instruments TL604IP Datasheet HTML 7Page - Texas Instruments TL604IP Datasheet HTML 8Page - Texas Instruments TL604IP Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TL601, TL604, TL607, TL610
P-MOS ANALOG SWITCHES
D2161, JUNE 1976 — REVISED OCTOBER 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
3
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC+ (see Note 1)
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC−
−30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC+ to VCC− supply voltage differential
35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Control input voltage
VCC+
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Switch off-state voltage
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Switch on-state current
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range:
TL601C, TL604C, TL607C, TL610C
0
°C to 70°C
. . . . . . . . . . . . . .
TL601I, TL604I, TL607I, TL610I
−25
°C to 85°C
. . . . . . . . . . . . . . . .
TL601M, TL604M, TL607M, TL610M
−55
°C to 125°C
. . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (1,6 mm) 1/16 inch from case for 60 seconds: JG package
300
°C
. . . . . . . . . . . . . . . . . . . .
Lead temperature (1,6 mm) 1/16 inch from case for 10 seconds: P package
260
°C
. . . . . . . . . . . . . . . . . . . . .
NOTE 1: All voltage values are with respect to network ground terminal.
recommended operating conditions
TL601C, TL604C
TL607C, TL610C
TL601I, TL604I
TL607I, TL610I
TL601M, TL604M
TL607M, TL610M
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Supply voltage, VCC+ (see Figure 1)
5
10
25
5
10
25
5
10
25
V
Supply voltage, VCC− (see Figure 1)
−5
−20
−25
−5
−20
−25
−5
−20
−25
V
VCC+ to VCC− supply voltage differential
(see Figure 1)
15
30
15
30
15
30
V
High-level control input voltage, VIH
2
5.5
2
5.5
2
5.5
V
Low-level control input voltage, VIL
All inputs
0.8
0.8
0.8
Voltage at any analog switch (S) terminal
VCC− +8
VCC+ VCC− +8
VCC+ VCC− +8
VCC+
V
Switch on-state current
10
10
10
mA
Operating free-air temperature, TA
0
70
25
85
−55
125
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com