Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL604IP Datasheet(PDF) 1 Page - Texas Instruments

Part # TL604IP
Description  P-MOS ANALOG SWITCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL604IP Datasheet(HTML) 1 Page - Texas Instruments

  TL604IP Datasheet HTML 1Page - Texas Instruments TL604IP Datasheet HTML 2Page - Texas Instruments TL604IP Datasheet HTML 3Page - Texas Instruments TL604IP Datasheet HTML 4Page - Texas Instruments TL604IP Datasheet HTML 5Page - Texas Instruments TL604IP Datasheet HTML 6Page - Texas Instruments TL604IP Datasheet HTML 7Page - Texas Instruments TL604IP Datasheet HTML 8Page - Texas Instruments TL604IP Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TL601, TL604, TL607, TL610
P-MOS ANALOG SWITCHES
SLAS042 − D2161, JUNE 1976 — REVISED OCTOBER 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
1986, Texas Instruments Incorporated
1
PRODUCTION DATA information is current as of
publication
date.
Products
conform
to
specifications per the terms of Texas Instruments
standard warranty. Production processing does not
necessarily include testing of all parameters.
• Switch ±10-V Analog Signals
• TTL Logic Capability
• 5-to 30-V Supply Ranges
• Low (100 Ω) On-State Resistance
• High (1011 Ω) Off-State Resistance
• 8-Pin Functions
description
The TL601, TL604, TL607, and TL610 are a family
of monolithic P-MOS analog switches that provide
fast switching speeds with high roff/ron ratio and no
offset voltage. The p-channel enhancement-type
MOS switches accept analog signals up to
±10 V
and are controlled by TTL-compatible logic inputs.
The monolithic structure is made possible by
BI-MOS technology, which combines p-channel
MOS with standard bipolar transistors.
These switches are particularly useful in military,
industrial, and commercial applications such as
data acquisition, multiplexers, A/D and D/A
converters,
MODEMS,
sample-and-hold
systems,
signal
multiplexing,
integrators,
programmable
operational
amplifiers,
programmable voltage regulators, crosspoint
switching networks, logic interface, and many
other analog systems.
The TL601 is an SPDT switch with two logic
control
inputs.
The
TL604
is
a
dual
complementary SPST switch with a single control
input. The TL607 is an SPDT switch with one logic
control input and one enable input. The TL610 is
an SPST switch with three logic control inputs.
The TL610 features a higher roff/ron ratio than the
other members of the family.
The TL601C, TL604C, TL607C, and TL610C are
characterized for operation from 0
°C to 70°C, the
TL601I,
TL604I,
TL607I,
and
TL610I
are
characterized for operation from − 25
°C to 85°C,
and theTL601M, TL604M, TL607M, and TL610M
are characterized for operation over the full
military temperature range of −55
°C to 125°C.
TYPICAL OF
ALL SWITCHES
TYPICAL OF
ALL INPUTS
VCC−
VCC+
S
S
VCC−
1
2
3
4
8
7
6
5
GND
A
B
S
VCC+
S2
S1
VCC−
JG OR P PACKAGE
(TOP VIEW)
TL601
1
2
3
4
8
7
6
5
GND
A
S1
S2
VCC+
S1
S2
VCC−
TL604
1
2
3
4
8
7
6
5
GND
A
ENABLE
S
VCC+
S2
S1
VCC−
TL607
1
2
3
4
8
7
6
5
GND
A
B
S
VCC+
C
S
VCC−
TL610
schematics of inputs and outputs


Similar Part No. - TL604IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL604 TI-TL604 Datasheet
307Kb / 6P
P MOS ANALOG SWITCHES
More results

Similar Description - TL604IP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN4066B PANASONIC-MN4066B Datasheet
88Kb / 3P
Quad Analog Switches
logo
Maxim Integrated Produc...
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Texas Instruments
TL601 TI-TL601 Datasheet
307Kb / 6P
P MOS ANALOG SWITCHES
logo
National Semiconductor ...
AH0014 NSC-AH0014 Datasheet
140Kb / 6P
Dual DPST-TTL/DTL Compatible MOS Analog Switches
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
CMOS Analog Switches
22-Jan-01
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
CMOS Analog Switches
Rev 1; 5/04
logo
Vishay Siliconix
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
CMOS Analog Switches
28-Feb-11
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
CMOS Analog Switches
11-Aug-03
logo
Toshiba Semiconductor
SSM6P35AFE TOSHIBA-SSM6P35AFE Datasheet
205Kb / 8P
Analog Switches
SSM6P35AFU TOSHIBA-SSM6P35AFU Datasheet
229Kb / 8P
Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com