Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRA2512-FZ-R034ELF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CRA2512-FZ-R034ELF
Description  CRA2010/CRA2512 - High Power Current Sense Chip Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRA2512-FZ-R034ELF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CRA2512-FZ-R034ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRA2512-FZ-R034ELF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CRA2010/CRA2512 - High Power Current Sense Chip Resistor
Electrical Characteristics
Characteristic Data
Product Dimensions
Construction
Derating Curve
Features
■
Special alloy resistor
■
Power rating at 70 °C: CRA2010 - 1.5 W,
CRA2512 - 3 W
■
RoHS compliant*
Applications
■
Power supplies
■
Stepper motor drives
Characteristic
CRA2010
CRA2512
Power Rating @ 70 °C
1.5 W
3 W
Operating Temperature Range
-55 °C to +170 °C
Derated to Zero Load at
+170 °C
Maximum Working Voltage
(P x R)1/2
Insulation Resistance
> 100 megohms
Resistance Range
0.01 - 0.100 ohms
Resistance Tolerance
±1 %, ±5 %
Temperature Coefficient
±75 PPM/°C
Overcoat
Metal Alloy Plate
Ni / Sn
Plating
Ambient Temperature (°C)
70
170
100
-55
Test
∆R Max.
Load Life (1000 hours)
< ±1 %
Short Time Overload
< ±0.5 %
Thermal Shock
< ±0.5 %
A
B
C
C
C
CC
DIMENSIONS:
MM
(INCHES)
Recommended Solder Pad Layout
Soldering Profile
A
B
SENSING TRACE
Cu TRACE
L
Model
A
B
L
CRA2010
CRA2512
3.1
(0.122)
2.7
(0.106)
3.1
(0.122)
4.0
(0.157)
2.1
(0.083)
4.1
(0.161)
50
100
150
200
250
90 ± 30 seconds
Pre-heating Zone
150 °C
230 °C or higher
Peak 260 +5/-0 °C
180 °C
30 ± 10 seconds
Heating Time
Soldering Zone
Model
A
B
C
CRA2010
CRA2512
6.40 ± 0.20
(0.252 ± 0.008)
5.0 ± 0.20
(0.1962 ± 0.008)
3.20 ± 0.20
(0.126 ± 0.008)
2.5 ± 0.20
(0.0984 ± 0.008)
0.90 ± 0.20
(0.035 ± 0.008)
0.6 ± 0.20
(0.0236 ± 0.008)


Similar Part No. - CRA2512-FZ-R034ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRA2512-FZ-R005ELF BOURNS-CRA2512-FZ-R005ELF Datasheet
275Kb / 2P
CRA2010/CRA2512 - High Power Current Sense Chip Resistor
CRA2512-FZ-R017ELF BOURNS-CRA2512-FZ-R017ELF Datasheet
296Kb / 2P
High Power Current Sense Chip Resistor
CRA2512-FZ-R020ELF BOURNS-CRA2512-FZ-R020ELF Datasheet
250Kb / 2P
High Power Current Sense Chip Resistor Inductance less than 5 nH
CRA2512-FZ-R020ELF BOURNS-CRA2512-FZ-R020ELF Datasheet
275Kb / 2P
CRA2010/CRA2512 - High Power Current Sense Chip Resistor
CRA2512-FZ-R020ELF BOURNS-CRA2512-FZ-R020ELF Datasheet
275Kb / 2P
High Power Current Sense Chip Resistor
More results

Similar Description - CRA2512-FZ-R034ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRA2010 BOURNS-CRA2010 Datasheet
296Kb / 2P
High Power Current Sense Chip Resistor
CRA2010-FZ-R005ELF BOURNS-CRA2010-FZ-R005ELF Datasheet
275Kb / 2P
CRA2010/CRA2512 - High Power Current Sense Chip Resistor
CRF0805-FX-R020ELF BOURNS-CRF0805-FX-R020ELF Datasheet
284Kb / 3P
High Power Current Sense Chip Resistor
CRA2010 BOURNS-CRA2010_13 Datasheet
275Kb / 2P
High Power Current Sense Chip Resistor
logo
Riedon Powertron
CSR RIEDON-CSR Datasheet
203Kb / 3P
Power Current Sense Chip Resistor
logo
Bourns Electronic Solut...
CRF0805-FX-R020ELF BOURNS-CRF0805-FX-R020ELF_16 Datasheet
371Kb / 3P
High Power Current Sense Chip Resistor
logo
Riedon Powertron
CSR2512A0R02F RIEDON-CSR2512A0R02F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512B0R004F RIEDON-CSR2512B0R004F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512C0R002F RIEDON-CSR2512C0R002F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR25120R025F RIEDON-CSR25120R025F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com