Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRA2512-FZ-R034ELF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CRA2512-FZ-R034ELF
Description  CRA2010/CRA2512 - High Power Current Sense Chip Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRA2512-FZ-R034ELF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CRA2512-FZ-R034ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRA2512-FZ-R034ELF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CRA2010/CRA2512 - High Power Current Sense Chip Resistor
Packaging Dimensions (Conforms to EIA RS-481A)
3.60 ± 0.20
(0.142 ± 0.008)
2.0 ± 0.05
(0.079 ± 0.002)
4.0 ± 0.05
(0.157 ± 0.002)
4.0 ± 0.1
(0.157 ± 0.004)
1.5 +0.1/-0
(0.059 +0.004/-0)
DIA.
1.5
(0.059)
DIA. MIN.
0.85 ± 0.15
(0.033 ± 0.006)
6.9 ± 0.2
(0.272 ± 0.008)
5.5 ± 0.05
(0.217 ± 0.002)
1.75 ± 0.1
(0.069 ± 0.004)
12.0 ± 0.2
(0.472 ± 0.008)
TOP TAPE
EMBOSSED TAPE
RESISTOR
USER DIRECTION OF FEED
Resistance Value Table
Code
R Value
Code
R Value
R010
0.010
R060
0.060
R017
0.017
R065
0.065
R020
0.020
R070
0.070
R025
0.025
R075
0.075
R030
0.030
R080
0.080
R034
0.034
R085
0.085
R040
0.040
R090
0.090
R045
0.045
R095
0.095
R050
0.050
R100
0.100
R055
0.055
How To Order
CRA 2512 - G Z - R017 E LF
Model
(CRA = Precision Chip Resistor
Size
2010 = 2010 Size
2512 = 2512 Size
Resistance Tolerance
• F = ±1 %
• J = ±5 %
TCR (PPM/°C)
• Z = ±75 PPM/°C
Resistance Value
“R” (decimal point) followed by three significant digits (example: R025 = 0.025 ohm)
Packaging
• E = 4000 pieces on 180 mm (7 inch) reel
Termination
• LF = Tin-plated (RoHS compliant)
60.0
(2.362)
MIN.
DIA.
DIA.
180 +0/-3
(7.09 +0/-0.118)
13.0 ± 1.0
(0.512 ± 0.039)
DIA.
15.4 ± 2.0
(0.606 ± 0.079)
13.0 ± 1.0
(0.512 ± 0.039)
05/07
Reliable Electronic Solutions
Asia-Pacific:
TEL +886-2 25624117 • FAX +886-2 25624116
Europe:
TEL +41-41 7685555 • FAX +41-41 7685510
The Americas:
TEL +1-951 781-5500 • FAX +1-951 781-5700
www.bourns.com
COPYRIGHT©2007, BOURNS, INC. LITHO IN U.S.A. e 04/07 SR0707



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com