Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC02S Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # SC02S
Description  2W DC/DC CONVERTER, SMD-Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SC02S Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  SC02S Datasheet HTML 1Page - Delta Electronics, Inc. SC02S Datasheet HTML 2Page - Delta Electronics, Inc. SC02S Datasheet HTML 3Page - Delta Electronics, Inc. SC02S Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS_SC02S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Mechancial Drawing I
Mechanical Dimensions (Single Ouput)
Connecting Pin Patterns
Mechancial Drawing II
Mechanical Dimensions (Dual Output)
Connecting Pin Patterns
►All dimensions in mm (inches)
►Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
►Pins ±0.05(±0.002)
Pin Connections
Physical Outline
Pin
Single Output
Dual Output
Case Size (Single
Output)
:
12.7x9.3x8.65mm (0.50x0.37x0.34 Inches)
1
-Vin
-Vin
Case Size (Dual Output)
:
15.3x9.3x8.65mm (0.60x0.37x0.34 Inches)
2
+Vin
+Vin
Case Material
:
Molding (flammability to UL 94V-0 rated)
4
-Vout
Common
5
+Vout
-Vout
Weight (Single Output)
:
1.5g
7
No Pin
+Vout
Weight (Dual Output)
:
2.2g
8
N/A
No Pin
10
No Pin
NA
N/A : Not Available for Electrical Connection
P3
12.7 [0.5]
2.57
[0.1]
2.54
[0.1]
5.08
[0.2]
12
4
8
5
0.60 [0.02]
8.6 [0.34]
10.0 [0.39]
( Magnification of A )
S SEATING PLANE
0.15 S
A
15.3 [0.6]
2.54
[0.1]
5.08
[0.2]
1
2
4
10
7
0.60 [0.02]
2.54
[0.1]
5
2.54
[0.1]
( Magnification of A )
8.6 [0.34]
10.0 [0.39]
SSEATING PLANE
0.15 S
A
11.4 [0.45]
1.7 [0.07]
7.62 [0.30]
1.0 [0.04]
2.54 [0.10]
11.4 [0.45]
1.7 [0.07]
7.62 [0.30]
2.54 [0.10]
1.0 [0.04]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com