Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC02S Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # SC02S
Description  2W DC/DC CONVERTER, SMD-Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SC02S Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  SC02S Datasheet HTML 1Page - Delta Electronics, Inc. SC02S Datasheet HTML 2Page - Delta Electronics, Inc. SC02S Datasheet HTML 3Page - Delta Electronics, Inc. SC02S Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS_SC02S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Part Numbering System
S
C
02
S
05
05
A
Form factor
Family series
Watt
Number of
Outputs
Input Voltage
Output Voltage
Option Code
D-DIP
A~Z
01:1W
S - Single
03:3.3V
03:3.3V
A - Std. Functions
P-SIP
02:2W
D- Dual
05: 5V
05: 5V
S-SMD
03:3W
12:12V
12:12V
04:4W
24: 24V
15: 15V
06:6W
48:48V
24: 24V
WARRANTY
Delta offers a two (3) years limited warranty. Complete warranty information is listed on our web site or is available upon request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its use, nor for any
infringements of patents or other rights of third parties, which may result from its use. No license is granted by implication or otherwise under
any patent or patent rights of Delta. Delta reserves the right to revise these specifications at any time, without notice.
P4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com