Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE2-5TNUH-R Datasheet(PDF) 1 Page - NEC

Part # EE2-5TNUH-R
Description  Compact and lightweight, High breakdown voltage, Surface mounting type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EE2-5TNUH-R Datasheet(HTML) 1 Page - NEC

  EE2-5TNUH-R Datasheet HTML 1Page - NEC EE2-5TNUH-R Datasheet HTML 2Page - NEC EE2-5TNUH-R Datasheet HTML 3Page - NEC EE2-5TNUH-R Datasheet HTML 4Page - NEC EE2-5TNUH-R Datasheet HTML 5Page - NEC EE2-5TNUH-R Datasheet HTML 6Page - NEC EE2-5TNUH-R Datasheet HTML 7Page - NEC EE2-5TNUH-R Datasheet HTML 8Page - NEC EE2-5TNUH-R Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For Right Use of Miniature Relays
DO NOT EXCEED MAXIMUM RATINGS.
Do not use relays under exceeding conditions such as over ambient temperature, over voltage and over
current. Incorrect use could result in abnormal heating, damage to related parts or cause burning.
READ CAUTIONS IN THE SELECTION GUIDE.
Read the cautions described in NEC/TOKIN's "Miniature Relays" when you choose relays for your application.
Document No. 0606EMDD03VOL02E
Date Published May 2005 P
Printed in Japan
© NEC TOKIN Corporation 2002
DATA SHEET
MINIATURE SIGNAL RELAY
EE2 SERIES
Compact and lightweight, High breakdown voltage,
Surface mounting type
DESCRIPTION
The EE2 series surface-mounting type sustaining high-performance of NEC TOKIN EC2 series.
FEATURES
Compact and light weight
2 form c contact arrangement
Low power consumption
Reduced mounting space : 15 mm × 9.5 mm
High-breakdown voltage of coil to contacts : 1500 Vac, 2500 V
(rise time : 2 µs, fall time : 10 µs)
Low power consumption : 100 to 140 mW
Capable of High-power switching : 700 Vac, 4.2 A, 4 times in case of accident
NK type guarantee 1.5kVac over withstanding voltage at open contact. (Only make contact)
APPLICATIONS
Electronic switching systems, PBX, terminal equipment, telephone system.


Similar Part No. - EE2-5TNUH-R

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EE2-5TNUH-L KEMET-EE2-5TNUH-L Datasheet
2Mb / 18P
Electronic switching systems
More results

Similar Description - EE2-5TNUH-R

ManufacturerPart #DatasheetDescription
logo
NEC
EA2-3SNU NEC-EA2-3SNU Datasheet
113Kb / 8P
COMPACT AND LIGHTWEIGHT
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
Compact and lightweight, High breakdown voltage, Surface mounting type
logo
NEC
ED2-5NJ NEC-ED2-5NJ Datasheet
389Kb / 16P
Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EA2-24NU NEC-EA2-24NU Datasheet
106Kb / 12P
COMPACT AND LIGHTWEIGHT
logo
Panasonic Semiconductor
AEV14012W PANASONIC-AEV14012W Datasheet
203Kb / 9P
Compact and lightweight
logo
NEC
EC2-5SNJ NEC-EC2-5SNJ Datasheet
100Kb / 11P
COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
logo
KODENSHI_AUK CORP.
PIC-A1804 KODENSHI-PIC-A1804 Datasheet
1Mb / 3P
Compact and lightweight design
logo
NEC
EC29SND NEC-EC29SND Datasheet
142Kb / 12P
High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
EC29SNU NEC-EC29SNU Datasheet
107Kb / 8P
COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
ED29SNU NEC-ED29SNU Datasheet
159Kb / 16P
Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com