Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI01S Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # PI01S
Description  1W DC/DC CONVERTER, High isolation, SIP-Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PI01S Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  PI01S Datasheet HTML 1Page - Delta Electronics, Inc. PI01S Datasheet HTML 2Page - Delta Electronics, Inc. PI01S Datasheet HTML 3Page - Delta Electronics, Inc. PI01S Datasheet HTML 4Page - Delta Electronics, Inc. PI01S Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PI01S/D Sries
1W DC/DC CONVERTER, High isolation, SIP-Package
DS_PI01S/D_03202012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 75%
SIP Package with Industry Standard Pinout
High Isolation Volage 6000 VDC
Lead free ,RoHs Complian
Industrial & Medical Safety Approval
Operating Temperature range - 25°C to +85°C
Low isolation Capacitance
>2 MHours MTBF
3 Years Product Warranty
The PI01S/D series are miniature, SIP Package, isolated 1W DC/DC converters with 6,000VDC isolation. It allows a wide
operating temperature range of
–25°C to +85°C. With high isolation, PI01S/D is suitable for all kinds of medical device
application. These high isolated DC/DC converters are the latest offering from a world leader in power systems technology and
manufacturing ― Delta Electronics, Inc.
Model List
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output Current
Input Current
Load
Regulation
Max. capacitive
Load
Efficiency
(typ.)
Max.
Min.
@Max. Load @No Load
@Max. Load
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
PI01S0505A
5
(4.5 ~ 5.5)
5
200
4
303
55
10
680
66
PI01S0512A
12
80
2
291
8
66
PI01S0515A
15
65
1
295
8
66
PI01D0505A
±5
±100
±2
303
10
220*
66
PI01D0512A
±12
±40
±1
267
8
72
PI01D0515A
±15
±35
±1
287
8
73
PI01S1205A
12
(10.8 ~ 13.2)
5
200
4
126
30
10
680
66
PI01S1212A
12
80
2
121
8
66
PI01S1215A
15
65
1
123
8
66
PI01D1205A
±5
±100
±2
126
10
220*
66
PI01D1212A
±12
±40
±1
108
8
74
PI01D1215A
±15
±35
±1
117
8
75
* For each output


Similar Part No. - PI01S

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S Datasheet
248Kb / 6P
1W DC/DC CONVERTER, High isolation, SIP-Package
PI01S0505A DELTA-PI01S0505A Datasheet
248Kb / 6P
1W DC/DC CONVERTER, High isolation, SIP-Package
PI01S0512A DELTA-PI01S0512A Datasheet
248Kb / 6P
1W DC/DC CONVERTER, High isolation, SIP-Package
PI01S0515A DELTA-PI01S0515A Datasheet
248Kb / 6P
1W DC/DC CONVERTER, High isolation, SIP-Package
PI01S1205A DELTA-PI01S1205A Datasheet
248Kb / 6P
1W DC/DC CONVERTER, High isolation, SIP-Package
More results

Similar Description - PI01S

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PD01S DELTA-PD01S Datasheet
207Kb / 4P
1W DC/DC CONVERTER, SIP-Package, High Isolation
PF01S DELTA-PF01S Datasheet
204Kb / 4P
1W DC/DC CONVERTER, SIP-Package, High Isolation
PB01S DELTA-PB01S Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
PI01S DELTA-PI01S_14 Datasheet
248Kb / 6P
1W DC/DC CONVERTER, High isolation, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
MAPU01H MINMAX-MAPU01H Datasheet
690Kb / 3P
DC/DC CONVERTER 1W, SIP-Package, High Isolation
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
MAU200 MINMAX-MAU200_16 Datasheet
647Kb / 4P
DC/DC CONVERTER 1W, SIP-Package, High Isolation
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S0509A DELTA-PB01S0509A Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com