Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI01S Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # PI01S
Description  1W DC/DC CONVERTER, High isolation, SIP-Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PI01S Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  PI01S Datasheet HTML 1Page - Delta Electronics, Inc. PI01S Datasheet HTML 2Page - Delta Electronics, Inc. PI01S Datasheet HTML 3Page - Delta Electronics, Inc. PI01S Datasheet HTML 4Page - Delta Electronics, Inc. PI01S Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS_PI01S/D_03202012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Mechanical Drawing
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
5
-Vout
-Vout
6
No Pin
Common
7
+Vout
+Vout
►All dimensions in mm (inches)
►Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
►Pins ±0.05 (±0.002)
Physical Outline
Case Size
:
22.0x7.5x12.5mm (0.87x0.30x0.49 Inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Weight
:
3.9g
P4
0.5
[0.02]
3.50
[0.14]
2.54
[0.10]
7.62
[0.30]
2X2.54
[2X0.10]
22.0 [0.87]
21.0 [0.83]
0.50
[0.02]
Bottom View
1
2
5
6
7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com