Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL01D Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # PL01D
Description  1W DC/DC CONVERTER, SIP-Package, Wide 2:1 Input Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PL01D Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  PL01D Datasheet HTML 1Page - Delta Electronics, Inc. PL01D Datasheet HTML 2Page - Delta Electronics, Inc. PL01D Datasheet HTML 3Page - Delta Electronics, Inc. PL01D Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS_PL01S/D_07192012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P2
Input Characteristics
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
-0.7
---
15
12V Input Models
-0.7
---
25
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
5V Input Models
---
---
4.5
12V Input Models
---
---
9
24V Input Models
---
---
18
Start-Up Threshold Voltage
48V Input Models
---
---
36
VDC
Internal Filter Type
All Models
Capacitor
Output Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
At 50% Load and Nominal Vin
---
---
±1.0
%Vnom.
Line Regulation
Vin=Min. to Max.
---
---
±0.2
%
Single Output Models
---
---
±1.0
%
No Load to Full Load
Dual Output Models
---
---
±1.0
%
Single Output Models
---
---
±0.5
%
Load Regulation
10% to 90% Load
Dual Output Models
---
---
±0.8
%
Min.Load
No minimum Load Requirement
Ripple & Noise (20MHz)
---
50
---
mV P-P
Transient Recovery Time
25% Load Step Change
---
250
---
µsec
Temperature Coefficient
---
---
±0.02
%/
℃
Short Circuit Protection
Continuous
General Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
---
50
pF
Switching Frequency
---
250
---
KHz
MTBF(calculated)
MIL-HDBK-217F@25
℃, Ground Benign
2,800,000
---
---
Hours
Environmental Characteristics
Parameter
Conditions
Min.
Max.
Unit
Operating Ambient Temperature Range (See Power
Derating Curve)
Natural Convection
-40
+85
℃
Case Temperature
---
+105
℃
Storage Temperature
-55
+125
℃
Humidity (non condensing)
---
95
% rel. H
Lead Temperature (1.5mm from case for 10Sec.)
---
260
℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com