Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL01D Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # PL01D
Description  1W DC/DC CONVERTER, SIP-Package, Wide 2:1 Input Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PL01D Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  PL01D Datasheet HTML 1Page - Delta Electronics, Inc. PL01D Datasheet HTML 2Page - Delta Electronics, Inc. PL01D Datasheet HTML 3Page - Delta Electronics, Inc. PL01D Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS_PL01S/D_07192012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P3
Power Derating Curve
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
Natural
convection
C
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage, rated output current unless otherwise noted.
2
Ripple & Noise measurement bandwidth is 0-20 MHz.
3
All DC/DC converters should be externally fused at the front end for protection.
4
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
5
Specifications subject to change without notice.
Mechancial Drawing
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
-Vin
-Vin
2
+Vin
+Vin
4
+Vout
+Vout
5
No Pin
Common
6
-Vout
-Vout
►All dimensions in mm (inches)
►Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 ( X.XXX±0.01)
►Pins ±0.05(±0.002)
Physical Outline
Case Size
:
17.0x7.62x11.0mm (0.67x0.30x0.43 inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Pin Material
:
Alloy 42
Weight
:
12.9g
0.5
[0.02]
17.0 [0.67]
16.0 [0.63]
0.50 [0.02]
2.15
[0.08]
2.54
[0.10]
5.08
[0.20]
2X2.54
[2X0.10]
Bottom View
1
2
4
56



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com