Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTDF1P02HD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTDF1P02HD
Description  DUAL TMOS POWER MOSFET 1.6 AMPERES 20 VOLTS RDS(on) = 175 mOHM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTDF1P02HD Datasheet(HTML) 1 Page - Motorola, Inc

  MTDF1P02HD Datasheet HTML 1Page - Motorola, Inc MTDF1P02HD Datasheet HTML 2Page - Motorola, Inc MTDF1P02HD Datasheet HTML 3Page - Motorola, Inc MTDF1P02HD Datasheet HTML 4Page - Motorola, Inc MTDF1P02HD Datasheet HTML 5Page - Motorola, Inc MTDF1P02HD Datasheet HTML 6Page - Motorola, Inc MTDF1P02HD Datasheet HTML 7Page - Motorola, Inc MTDF1P02HD Datasheet HTML 8Page - Motorola, Inc MTDF1P02HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
Medium Power Surface Mount Products
TMOS Dual P-Channel
Field Effect Transistor
Micro8
™ devices are an advanced series of power MOSFETs
which utilize Motorola’s High Cell Density HDTMOS process to
achieve lowest possible on–resistance per silicon area. They are
capable of withstanding high energy in the avalanche and commuta-
tion modes and the drain–to–source diode has a very low reverse
recovery time. Micro8
™ devices are designed for use in low voltage,
high speed switching applications where power efficiency is important.
Typical applications are dc–dc converters, and power management in
portable and battery powered products such as computers, printers,
cellular and cordless phones. They can also be used for low voltage
motor controls in mass storage products such as disk drives and tape
drives. The avalanche energy is specified to eliminate the guesswork
in designs where inductive loads are switched and offer additional
safety margin against unexpected voltage transients.
• Miniature Micro8 Surface Mount Package — Saves Board
Space
• Extremely Low Profile (<1.1 mm) for thin applications such as
PCMCIA cards
• Ultra Low RDS(on) Provides Higher Efficiency and Extends Bat-
tery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Avalanche Energy Specified
• Mounting Information for Micro8 Package Provided
DEVICE MARKING
ORDERING INFORMATION
BC
Device
Reel Size
Tape Width
Quantity
BC
MTDF1P02HD
13
″
12 mm embossed tape
4000 units
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Preferred devices are Motorola recommended choices for future use and best overall value.
HDTMOS is a trademark of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc. Micro8 is a registered trademark of International
Rectifier. Thermal Clad is a trademark of the Bergquist Company.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MTDF1P02HD/D
© Motorola, Inc. 1997
™
MTDF1P02HD
DUAL TMOS
POWER MOSFET
1.6 AMPERES
20 VOLTS
RDS(on) = 175 mOHM
CASE 846A–02, Style 2
Micro8
Motorola Preferred Device
Source1
Gate1
Source2
Gate2
1
2
3
4
8
7
6
5
Top View
Drain1
Drain1
Drain2
Drain2
D
S
G
REV 3


Similar Part No. - MTDF1P02HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTDF1P02HD ONSEMI-MTDF1P02HD Datasheet
141Kb / 12P
Power MOSFET
November, 2000 ??Rev. 4
MTDF1P02HDR2 ONSEMI-MTDF1P02HDR2 Datasheet
141Kb / 12P
Power MOSFET
November, 2000 ??Rev. 4
More results

Similar Description - MTDF1P02HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD20P06HDL MOTOROLA-MTD20P06HDL Datasheet
308Kb / 12P
TMOS POWER FET LOGIC LEVEL 15 AMPERES 60 VOLTS RDS(on) = 175 MOHM
MTD3302 MOTOROLA-MTD3302 Datasheet
87Kb / 4P
SINGLE TMOS POWER MOSFET 30 VOLTS RDS(on) = 10 mohm
MTDF1N02HD MOTOROLA-MTDF1N02HD Datasheet
219Kb / 12P
DUAL TMOS POWER MOSFET 1.7 AMPERES 20 VOLTS RDS(on) = 0.120 OHM
MTDF1N03HD MOTOROLA-MTDF1N03HD Datasheet
225Kb / 12P
DUAL TMOS POWER MOSFET 2.0 AMPERES 30 VOLTS RDS(on) = 0.120 OHM
MTP1302 MOTOROLA-MTP1302 Datasheet
166Kb / 8P
TMOS POWER FET 42 AMPERES 30 VOLTS RDS(on) = 22 mohm
MTP55N06Z MOTOROLA-MTP55N06Z Datasheet
143Kb / 6P
TMOS POWER FET 55 AMPERES 60 VOLTS RDS(on) = 18 mohm
MTP75N03HDL MOTOROLA-MTP75N03HDL Datasheet
235Kb / 8P
TMOS POWER FET LOGIC LEVEL 75 AMPERES RDS(on) = 9.0 mOHM 25 VOLTS
MTP75N06HD MOTOROLA-MTP75N06HD Datasheet
275Kb / 8P
TMOS POWER FET 75 AMPERES RDS(on) = 10.0 mOHM 60 VOLTS
MTSF3203 MOTOROLA-MTSF3203 Datasheet
134Kb / 8P
SINGLE TMOS POWER MOSFET 4.9 AMPERES 20 VOLTS RDS(on) = 0.05 OHM
MTSF3N02HD MOTOROLA-MTSF3N02HD Datasheet
235Kb / 12P
SINGLE TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS RDS(on) = 0.040 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com