Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

37411000000 Datasheet(PDF) 2 Page - Littelfuse

Part # 37411000000
Description  374 Series, TR5, Time-Lag Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

37411000000 Datasheet(HTML) 2 Page - Littelfuse

  37411000000 Datasheet HTML 1Page - Littelfuse 37411000000 Datasheet HTML 2Page - Littelfuse 37411000000 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revised: May 6, 2009
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
152
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Radial Lead Fuses
374 Series
TR5® > Time Lag > 374 Series
Please refer to www.littelfuse.com/series/374.html for current information.
Average Time Current Curves
Temperature De-Rating Curve
Electrical Characteristics
Amp
Code
Rated
Current
Voltage
Rating
Breaking Capacity
Voltage
Drop
1.0 x I
N
max. (mV)
Power
Dissipation
1.0 x I
N
max. (mW)
Melting
Integral
10 x I
N
min. (A2s)
Agency Approvals
®
0050
50mA
ϕ = 1.0
900
45
0.0056
x
x
0063
63mA
800
50
0.009
x
x
0080
80mA
700
55
0.014
x
x
0100
100mA
600
60
0.025
x
x
0125
125mA
550
70
0.044
x
x
0160
160mA
480
80
0.058
x
x
0200
200mA
390
80
0.1
x
x
0250
250mA
350
90
0.17
x
x
0315
315mA
300
95
0.26
x
x
0400
400mA
250
100
0.32
x
x
0500
500mA
220
110
0.6
x
x
0630
630mA
210
135
0.75
x
x
0800
800mA
160
130
0.98
x
x
1100
1.00A
155
155
2.1
x
x
1125
1.25A
145
185
3.2
x
x
1160
1.60A
130
210
4.5
x
x
1200
2.00A
125
250
7.5
x
x
1250
2.50A
120
300
14
x
x
1315
3.15A
110
350
22
x
x
1400
4.00A
100
400
36
x
x
1500
5.00A
95
475
59
x
x
1630
6.30A
90
570
110
x
x
1800
8.00A1
80
1000
150
x
2100
10.00A1
90
1250
280
x
CURRENT IN AMPERES
0.001
0.010
0.100
1
10
100
1000
10000
100000
0.100
1
10
100
0.02



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com