Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

37411000000 Datasheet(PDF) 1 Page - Littelfuse

Part # 37411000000
Description  374 Series, TR5, Time-Lag Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

37411000000 Datasheet(HTML) 1 Page - Littelfuse

  37411000000 Datasheet HTML 1Page - Littelfuse 37411000000 Datasheet HTML 2Page - Littelfuse 37411000000 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised: May 6, 2009
151
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Radial Lead Fuses
374 Series
TR5® > Time Lag > 374 Series
Please refer to www.littelfuse.com/series/374.html for current information.
374 Series, TR5®,Time-Lag Fuse
Agency Approvals
Agency
Agency File Number
Ampere Range
File number:
E 67006
50mA - 6.3A
Certification:
51378
50mA - 6.3A
File number:
E 67006
8A - 10A
Features
Electrical Characteristics
to 10A
% of Ampere
Rating
OpeningTime
200%
Max.
Applications
Description
®


Similar Part No. - 37411000000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
37411000000 LITTELFUSE-37411000000 Datasheet
196Kb / 3P
Radial Lead Fuses TR5짰 > Time Lag > 374 Series
More results

Similar Description - 37411000000

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2JS BEL-2JS Datasheet
478Kb / 2P
Time-lag Fuse Series
logo
Littelfuse
37411000000 LITTELFUSE-37411000000 Datasheet
196Kb / 3P
Radial Lead Fuses TR5짰 > Time Lag > 374 Series
37411000410 LITTELFUSE-37411000410 Datasheet
196Kb / 3P
Radial Lead Fuses TR5짰 > Time Lag > 374 Series
37412500410 LITTELFUSE-37412500410 Datasheet
196Kb / 3P
Radial Lead Fuses TR5짰 > Time Lag > 374 Series
372 LITTELFUSE-372 Datasheet
993Kb / 3P
372 Series, TR5 Fuse, Time Lag
logo
Bel Fuse Inc.
2JS BEL-2JS_16 Datasheet
1Mb / 4P
Time-lag Fuse Series
5ET BEL-5ET_16 Datasheet
1Mb / 4P
Time-lag Fuse Series
5HT BEL-5HT_16 Datasheet
1Mb / 4P
Time-lag Fuse Series
5ST BEL-5ST_16 Datasheet
1Mb / 4P
Time-lag Fuse Series
5VT BEL-5VT_16 Datasheet
1Mb / 4P
Time-lag Fuse Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com