Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDRS14T175TSE Datasheet(PDF) 11 Page - Vishay Siliconix

Part # VDRS14T175TSE
Description  VDR Metal Oxide Varistors Standard
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS14T175TSE Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button VDRS14T175TSE Datasheet HTML 7Page - Vishay Siliconix VDRS14T175TSE Datasheet HTML 8Page - Vishay Siliconix VDRS14T175TSE Datasheet HTML 9Page - Vishay Siliconix VDRS14T175TSE Datasheet HTML 10Page - Vishay Siliconix VDRS14T175TSE Datasheet HTML 11Page - Vishay Siliconix VDRS14T175TSE Datasheet HTML 12Page - Vishay Siliconix VDRS14T175TSE Datasheet HTML 13Page - Vishay Siliconix VDRS14T175TSE Datasheet HTML 14Page - Vishay Siliconix VDRS14T175TSE Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29081
26
Revision: 07-Jun-10
VDRS........E/2381 59. .....
Vishay BCcomponents
VDR Metal Oxide Varistors Standard
50 VRMS to 460 VRMS; VDRS07......E/2381 593 ....
14 VRMS to 40 VRMS; VDRS10......E/2381 594 ....
50 VRMS to 550 VRMS; VDRS10......E/2381 594 ....
10
-5
10
3
10
1
10
-1
10
-2
10
-3
10
-4
10
4
40
2000
1000
800
600
100
80
60
50
3000
max. leakage current
max. clamping voltage
10
2
500
400
300
200
CURRENT (A)
.3216
.3016
.2716
.2516
.2316
.1716
.3816
.1416
.1316
.9506
.7506
.6006
.5006
.1516
.4616
.4216
10
-5
10
2
10
1
10
-1
10
-2
10
-3
10
-4
10
3
10
200
100
80
60
50
40
30
20
300
400
max. leakage current
max. clamping voltage
.3506
.3006
.2506
.2006
.1706
.1406
.4006
CURRENT (A)
10
-5
10
3
10
1
10
-1
10
-2
10
-3
10
-4
10
4
40
2000
1000
800
600
100
80
60
50
3000
max. leakage current
max. clamping voltage
10
2
500
400
300
200
CURRENT (A)
.3216
.3016
.2716
.2516
.2316
.1716
.3816
.1416
.1316
.9506
.7506
.6006
.5006
.1516
.4616
.4216
.5116
.5516



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com