Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDRS14T175TSE Datasheet(PDF) 12 Page - Vishay Siliconix

Part # VDRS14T175TSE
Description  VDR Metal Oxide Varistors Standard
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS14T175TSE Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button VDRS14T175TSE Datasheet HTML 8Page - Vishay Siliconix VDRS14T175TSE Datasheet HTML 9Page - Vishay Siliconix VDRS14T175TSE Datasheet HTML 10Page - Vishay Siliconix VDRS14T175TSE Datasheet HTML 11Page - Vishay Siliconix VDRS14T175TSE Datasheet HTML 12Page - Vishay Siliconix VDRS14T175TSE Datasheet HTML 13Page - Vishay Siliconix VDRS14T175TSE Datasheet HTML 14Page - Vishay Siliconix VDRS14T175TSE Datasheet HTML 15Page - Vishay Siliconix VDRS14T175TSE Datasheet HTML 16Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Document Number: 29081
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 07-Jun-10
27
VDRS........E/2381 59. .....
VDR Metal Oxide Varistors Standard
Vishay BCcomponents
14 VRMS to 40 VRMS; VDRS14......E/2381 595 ....
50 VRMS to 550 VRMS; VDRS14......E/2381 595 ....
14 VRMS to 40 VRMS; VDRS20......E/2381 596 ....
.3506
.3006
.2506
.2006
.1706
.1406
.4006
10
-5
10
2
10
1
10
-1
10
-2
10
-3
10
-4
10
3
10
200
100
80
60
50
40
30
20
300
400
max. leakage current
max. clamping voltage
CURRENT (A)
10
-5
10
3
10
1
10
-1
10
-2
10
-3
10
-4
10
4
40
2000
1000
800
600
100
80
60
50
3000
max. leakage current
max. clamping voltage
10
2
500
400
300
200
CURRENT (A)
.3216
.3016
.2716
.2516
.2316
.3816
.1416
.9506
.7506
.6006
.5006
.1516
.4616
.4216
.5116
.5516
.1716
.1316
.350.
.300.
.250.
.200.
.170.
.140.
.400.
10
-5
10
2
10
1
10
-1
10
-2
10
-3
10
-4
10
3
10
200
100
80
60
50
40
30
20
300
400
max. leakage current
max. clamping voltage
CURRENT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com