Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90USB646 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 33Page - ATMEL Corporation AT90USB646 Datasheet HTML 34Page - ATMEL Corporation AT90USB646 Datasheet HTML 35Page - ATMEL Corporation AT90USB646 Datasheet HTML 36Page - ATMEL Corporation AT90USB646 Datasheet HTML 37Page - ATMEL Corporation AT90USB646 Datasheet HTML 38Page - ATMEL Corporation AT90USB646 Datasheet HTML 39Page - ATMEL Corporation AT90USB646 Datasheet HTML 40Page - ATMEL Corporation AT90USB646 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 456 page
background image
37
7593L–AVR–09/12
AT90USB64/128
stated the lines. Writing XMBK to zero disables the bus keeper. XMBK is not qualified with SRE,
so even if the XMEM interface is disabled, the bus keepers are still activated as long as XMBK is
one.
• Bit 6..3 – Res: Reserved Bits
These bits are reserved and will always read as zero. When writing to this address location,
write these bits to zero for compatibility with future devices.
• Bit 2..0 – XMM2, XMM1, XMM0: External Memory High Mask
When the External Memory is enabled, all Port C pins are default used for the high address byte.
If the full 60KB address space is not required to access the External Memory, some, or all, Port
C pins can be released for normal Port Pin function as described in Table 6-6. As described in
“Using all 64KB locations of external memory” on page 38, it is possible to use the XMMn bits to
access all 64KB locations of the External Memory.
6.5.8
Using all locations of external memory smaller than 64KB
Since the external memory is mapped after the internal memory as shown in Figure 6-4 on page
31, the external memory is not addressed when addressing the first 8,448/4,352 bytes
(128/64Kbytes version) of data space. It may appear that the first 8,448/4,352 bytes of the exter-
nal memory are inaccessible (external memory addresses 0x0000 to 0x10FF or 0x0000 to
0x20FF). However, when connecting an external memory smaller than 64KB, for example 32KB,
these locations are easily accessed simply by addressing from address 0x8000 to 0xA1FF.
Since the External Memory Address bit A15 is not connected to the external memory, addresses
0x8000 to 0xA1FF will appear as addresses 0x0000 to 0x21FF for the external memory.
Addressing above address 0xA1FF is not recommended, since this will address an external
memory location that is already accessed by another (lower) address. To the Application soft-
ware, the external 32KB memory will appear as one linear 32KB address space from 0x2200 to
0xA1FF. This is illustrated in Figure 6-10 on page 38.
Table 6-6.
Port C pins released as normal port pins when the external memory is enabled.
XMM2
XMM1
XMM0
# bits for external memory address
Released port pins
0
0
0
8 (full 56KB space)
None
001
7
PC7
010
6
PC7 - PC6
011
5
PC7 - PC5
100
4
PC7 - PC4
101
3
PC7 - PC3
110
2
PC7 - PC2
1
1
1
No address high bits
Full Port C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com