Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90USB646 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 45Page - ATMEL Corporation AT90USB646 Datasheet HTML 46Page - ATMEL Corporation AT90USB646 Datasheet HTML 47Page - ATMEL Corporation AT90USB646 Datasheet HTML 48Page - ATMEL Corporation AT90USB646 Datasheet HTML 49Page - ATMEL Corporation AT90USB646 Datasheet HTML 50Page - ATMEL Corporation AT90USB646 Datasheet HTML 51Page - ATMEL Corporation AT90USB646 Datasheet HTML 52Page - ATMEL Corporation AT90USB646 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 456 page
background image
49
7593L–AVR–09/12
AT90USB64/128
7.10
PLL
The PLL is used to generate internal high frequency (48MHz) clock for USB interface, the PLL
input is generated from an external low-frequency (the crystal oscillator or external clock input
pin from XTAL1). The internal RC oscillator can not be used for USB operations.
7.10.1
Internal PLL for USB interface
The internal PLL in Atmel AT90USB64/128 generates a clock frequency that is 24× multiplied
from nominally 2MHz input. The source of the 2MHz PLL input clock is the output of the internal
PLL clock prescaler that generates the 2MHz (see Section 7.10.2 for PLL interface).
Figure 7-4.
PLL clocking system.
7.10.2
PLLCSR – PLL Control and Status Register
• Bit 7..5 – Res: Reserved bits
These bits are reserved bits in the AT90USB64/128 and always read as zero.
• Bit 4..2 – PLLP2:0 PLL prescaler
These bits allow to configure the PLL input prescaler to generate the 2MHz input clock for the
PLL.
11
01
Reserved
11
10
Reserved
11
11
Reserved
CLKPS3
CLKPS2
CLKPS1
CLKPS0
Clock division factor
8MHz
RC OSCILLATOR
XTAL1
XTAL2
OSCILLATORS
PLL
24x
PLLE
Lock
detector
PLOCK
clkUSB
System clock
clk
2MHz
PLL clock
prescaler
(48MHz)
Bit
7
6
5432
10
$29 ($29)
PLLP2
PLLP1
PLLP0
PLLE
PLOCK
PLLCSR
Read/write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0000
0/1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com